Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 192 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 192 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 188Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 189Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 190Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 191Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 192Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 193Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 194Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 195Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
192/255
DocID029041 Rev 4
Figure 56. ULPI timing diagram
Ethernet characteristics
Unless otherwise specified, the parameters given in Table 96, Table 97 and Table 98 for
SMI, RMII and MII are derived from tests performed under the ambient temperature, fHCLK
frequency summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 20 pF
•
Measurement points are done at CMOS levels: 0.5VDD.
Refer to Section 5.3.20: I/O port characteristics for more details on the input/output
characteristics.
Table 96 gives the list of Ethernet MAC signals for the SMI (station management interface)
and Figure 57 shows the corresponding timing diagram.
Table 95. Dynamic characteristics: USB ULPI(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tSC
Control in (ULPI_DIR, ULPI_NXT) setup time
-
2
-
-
ns
tHC
Control in (ULPI_DIR, ULPI_NXT) hold time
-
1.5
-
-
tSD
Data in setup time
-
2
-
-
tHD
Data in hold time
-
1
-
-
tDC/tDD Data/control output delay
2.7 V < VDD < 3.6 V,
CL = 20 pF
-
6.5
8
--
6.5
11
1.7 V < VDD < 3.6 V,
CL = 15 pF
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com