Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 194 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 190Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 191Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 192Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 193Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 194Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 195Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 196Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 197Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
194/255
DocID029041 Rev 4
Table 98 gives the list of Ethernet MAC signals for MII and Figure 58 shows the
corresponding timing diagram.
Figure 59. Ethernet MII timing diagram
Table 97. Dynamics characteristics: Ethernet MAC signals for RMII(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Typ
Max
Unit
tsu(RXD) Receive data setup time
1
-
-
ns
tih(RXD)
Receive data hold time
2
-
-
tsu(CRS) Carrier sense setup time
2
-
-
tih(CRS)
Carrier sense hold time
2
-
-
td(TXEN) Transmit enable valid delay time
7.5
8
12
td(TXD)
Transmit data valid delay time
7
7.5
12.5
Table 98. Dynamics characteristics: Ethernet MAC signals for MII(1)
Symbol
Parameter
Min
Typ
Max
Unit
tsu(RXD) Receive data setup time
1
-
-
ns
tih(RXD)
Receive data hold time
2.5
-
-
tsu(DV)
Data valid setup time
1.5
-
-
tih(DV)
Data valid hold time
0.5
-
-
tsu(ER)
Error setup time
2.5
-
-
tih(ER)
Error hold time
0.5
-
-
td(TXEN) Transmit enable valid delay time
10
8
13
td(TXD)
Transmit data valid delay time
9
7.5
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com