Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 217 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 217 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 213Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 214Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 215Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 216Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 217Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 218Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 219Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 220Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 255 page
background image
DocID029041 Rev 4
217/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Figure 75. Quad-SPI timing diagram - SDR mode
Figure 76. Quad-SPI timing diagram - DDR mode
5.3.32
Camera interface (DCMI) timing specifications
Unless otherwise specified, the parameters given in Table 120 for DCMI are derived
from tests performed under the ambient temperature, fHCLK frequency and VDD supply
voltage summarized in Table 17, with the following configuration:
•
DCMI_PIXCLK polarity: falling
•
DCMI_VSYNC and DCMI_HSYNC polarity: high
•
Data formats: 14 bits
Table 120. DCMI characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
-
Frequency ratio DCMI_PIXCLK/fHCLK
-
0.4
DCMI_PIXCLK Pixel clock input
-
54
MHz
DPixel
Pixel clock input duty cycle
30
70
%
tsu(DATA)
Data input setup time
2
-
ns
th(DATA)
Data input hold time
0.5
-
tsu(HSYNC)
tsu(VSYNC)
DCMI_HSYNC/DCMI_VSYNC input setup time
2.5
-
th(HSYNC)
th(VSYNC)
DCMI_HSYNC/DCMI_VSYNC input hold time
3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com