Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 218 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 218 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 214Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 215Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 216Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 217Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 218Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 219Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 220Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 221Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
218/255
DocID029041 Rev 4
Figure 77. DCMI timing diagram
5.3.33
LCD-TFT controller (LTDC) characteristics
Unless otherwise specified, the parameters given in Table 121 for LCD-TFT are derived
from tests performed under the ambient temperature, fHCLK frequency and VDD supply
voltage summarized in Table 17, with the following configuration:
•
LCD_CLK polarity: high
•
LCD_DE polarity: low
•
LCD_VSYNC and LCD_HSYNC polarity: high
•
Pixel formats: 24 bits
Table 121. LTDC characteristics (1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
fCLK
LTDC clock output frequency
-
65
MHz
DCLK
LTDC clock output duty cycle
45
55
%
tw(CLKH),
tw(CLKL)
Clock High time, low time
tw(CLK)/2−0.5 tw(CLK)/2+0.5
ns
tv(DATA)
Data output valid time
-
6
th(DATA)
Data output hold time
0
-
tv(HSYNC),
tv(VSYNC),
tv(DE)
HSYNC/VSYNC/DE output valid time
-
3.5
th(HSYNC),
th(VSYNC),
th(DE)
HSYNC/VSYNC/DE output hold time
0.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com