Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F732ICI6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F732ICI6
Description  Dual mode Quad-SPI
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F732ICI6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F732ICI6 Datasheet HTML 7Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 8Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 9Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 10Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 11Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 12Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 13Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 14Page - STMicroelectronics STM32F732ICI6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
DocID028480 Rev 1
11/122
STM32F732xx STM32F733xx
Description
44
Maximum CPU frequency
216 MHz(7)
Operating voltage
1.7 to 3.6 V(8)
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C
Junction temperature: –40 to + 125 °C
Package
LQFP64(9)
LQFP100(9)
WLCSP100(10)
LQFP144
UFBGA144(10)
UFBGA176
LQFP176
1. For the LQFP100 package, only FMC Bank1 is available. Bank1 can only support a multiplexed NOR/PSRAM memory
using the NE1 Chip Select.
2. On the STM32F733xx device packages, except the 176-pin ones, the TIM12 is not available, so there are 9 general-
purpose timers.
3. The SPI1, SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio
mode.
4. USB OTG HS with the ULPI in the STM32F732xx devices and with integrated HS PHY in the STM32F733xx devices.
5. The SDMMC2 supports a dedicated power rail for clock, command and data 0..4 lines, feature available starting from 144
pin package.
6. The SDMMC2 is not available on the STM32F733Vx devices.
7. 216 MHz maximum frequency for - 40°C to + 85°C ambient temperature range (200 MHz maximum frequency for - 40°C to
+ 105°C ambient temperature range).
8. VDD/VDDA minimum value of 1.7 V is obtained when the internal reset is OFF (refer to Section 2.15.2: Internal reset OFF).
9. Available only on the STM32F732xx devices.
10. Available only on the STM32F733xx devices.
Table 2. STM32F732xx and STM32F733xx features and peripheral counts (continued)
Peripherals
STM32F73xRx
STM32F73xVx
STM32F73xZx
STM32F73xIx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com