Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DBU0741 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9DBU0741
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBU0741 Datasheet(HTML) 3 Page - Integrated Device Technology

  9DBU0741 Datasheet HTML 1Page - Integrated Device Technology 9DBU0741 Datasheet HTML 2Page - Integrated Device Technology 9DBU0741 Datasheet HTML 3Page - Integrated Device Technology 9DBU0741 Datasheet HTML 4Page - Integrated Device Technology 9DBU0741 Datasheet HTML 5Page - Integrated Device Technology 9DBU0741 Datasheet HTML 6Page - Integrated Device Technology 9DBU0741 Datasheet HTML 7Page - Integrated Device Technology 9DBU0741 Datasheet HTML 8Page - Integrated Device Technology 9DBU0741 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MARCH 8, 2017
3
7-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER WITH ZO=100OHMS
9DBU0741 DATASHEET
Pin Descriptions
PIN #
PIN NAME
PIN
DESCRIPTION
1
vSADR_tri
LATCHE
D IN
Tri-level latch to select SMBus Address. It has an internal 120kohm pull down resistor.
See SMBus Address Selection Table.
2vOE6#
IN
Active low input for enabling output 6. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
3
DIF6
OUT
Differential true clock output.
4
DIF6#
OUT
Differential complementary clock output.
5
VDDR1.5
PWR
1.5V power for differential input clock (receiver). This VDD should be treated as an
Analog power rail and filtered appropriately.
6
CLK_IN
IN
True Input for differential reference clock.
7
CLK_IN#
IN
Complementary Input for differential reference clock.
8
GNDDIG
GND
Ground pin for digital circuitry.
9
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
10
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
11
VDDDIG1.5
PWR
1.5V digital power (dirty power)
12
VDDIO
PWR
Power supply for differential outputs
13
vOE0#
IN
Active low input for enabling output 0. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
14
DIF0
OUT
Differential true clock output.
15
DIF0#
OUT
Differential complementary clock output.
16
VDD1.5
PWR
Power supply, nominally 1.5V
17
VDDIO
PWR
Power supply for differential outputs
18
DIF1
OUT
Differential true clock output.
19
DIF1#
OUT
Differential complementary clock output.
20
NC
N/A
No connection.
21
vOE1#
IN
Active low input for enabling output 1. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
22
DIF2
OUT
Differential true clock output.
23
DIF2#
OUT
Differential complementary clock output.
24
vOE2#
IN
Active low input for enabling output 2. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
25
VDDO1.5
PWR
Power supply for outputs, nominally 1.5V.
26
VDDIO
PWR
Power supply for differential outputs
27
DIF3
OUT
Differential true clock output.
28
DIF3#
OUT
Differential complementary clock output.
29
vOE3#
IN
Active low input for enabling output 3. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
30
NC
N/A
No connection.
31
VDD1.5
PWR
Power supply, nominally 1.5V
32
VDDIO
PWR
Power supply for differential outputs
33
DIF4
OUT
Differential true clock output.
34
DIF4#
OUT
Differential complementary clock output.
35
vOE4#
IN
Active low input for enabling output 4. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
36
DIF5
OUT
Differential true clock output.
37
DIF5#
OUT
Differential complementary clock output.
38
vOE5#
IN
Active low input for enabling output 5. This pin has an internal 120kohm pull-down.
1 =disable outputs, 0 = enable outputs
39
VDDIO
PWR
Power supply for differential outputs
40
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high assertion. Low
enters Power Down Mode, subsequent high assertions exit Power Down Mode. This pin
has internal 120kohm pull-up resistor.
41
EPAD
GND
Connect paddle to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com