Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

17-2005-63 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # 17-2005-63
Description  Factory-default operating clock frequency at 50 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

17-2005-63 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button 17-2005-63 Datasheet HTML 17Page - Zilog, Inc. 17-2005-63 Datasheet HTML 18Page - Zilog, Inc. 17-2005-63 Datasheet HTML 19Page - Zilog, Inc. 17-2005-63 Datasheet HTML 20Page - Zilog, Inc. 17-2005-63 Datasheet HTML 21Page - Zilog, Inc. 17-2005-63 Datasheet HTML 22Page - Zilog, Inc. 17-2005-63 Datasheet HTML 23Page - Zilog, Inc. 17-2005-63 Datasheet HTML 24Page - Zilog, Inc. 17-2005-63 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PS026102-1207
Onboard Component Description
Zdots® SBC for eZ80AcclaimPlus!™ Connectivity ASSP
Product Specification
17
Figure 5. Physical Dimensions of the Zdots SBC
JP1
1
JP2
Y3
P2
CR1
U6
C1
C11
C12
C22
C3
C42
R10
R13
R14
R15
R16
R17
R18
R19
R20
R21
R22
R23
R24
R25
R28
R29
R3
R36
R37
R6
U5
U8
U3
Y2
U4
U2
U1
VL1
+
JP3
ISO
eZ80F91 MODULE
2
78.7 mm
31.8 mm
56.0 mm
16.5 mm
63.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com