Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZGP323H Datasheet(PDF) 21 Page - Zilog, Inc.

Part # ZGP323H
Description  Programmable input glitch filter for pulse reception
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 17Page - Zilog, Inc. ZGP323H Datasheet HTML 18Page - Zilog, Inc. ZGP323H Datasheet HTML 19Page - Zilog, Inc. ZGP323H Datasheet HTML 20Page - Zilog, Inc. ZGP323H Datasheet HTML 21Page - Zilog, Inc. ZGP323H Datasheet HTML 22Page - Zilog, Inc. ZGP323H Datasheet HTML 23Page - Zilog, Inc. ZGP323H Datasheet HTML 24Page - Zilog, Inc. ZGP323H Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
DC Characteristics
13
VOH2
Output High Voltage
(P36, P37, P00, P01)
2.0-5.5
VCC–0.8
V
IOH = –7mA
VOL1
Output Low Voltage
2.0-5.5
0.4
V
IOL = 4.0mA
VOL2
Output Low Voltage
(P00, P01, P36, P37)
2.0-5.5
0.8
V
IOL = 10mA
VOFFSET Comparator Input
Offset Voltage
2.0-5.5
25
mV
VREF
Comparator
Reference
Voltage
2.0-5.5
0
VDD
-1.75
V
IIL
Input Leakage
2.0-5.5
–1
1
µAV
IN = 0V, VCC
Pull-ups disabled
RPU
Pull-up Resistance
2.0V
200.0
700.0
K
Ω
VIN = 0V; Pullups selected by mask
option
3.6V
50.0
300.0
K
Ω
5.0V
25.0
175.0
K
Ω
IOL
Output Leakage
2.0-5.5
–1
1
µAV
IN = 0V, VCC
ICC
Supply Current
2.0V
3.6V
5.5V
1
5
10
3
10
15
mA
mA
mA
at 8.0 MHz
at 8.0 MHz
at 8.0 MHz
1, 2
1, 2
1, 2
ICC1
Standby Current
(HALT Mode)
2.0V
3.6V
5.5V
0.5
0.8
1.3
1.6
2.0
3.2
mA
mA
mA
VIN = 0V, Clock at 8.0MHz
VIN = 0V, Clock at 8.0MHz
VIN = 0V, Clock at 8.0MHz
1, 2, 6
1, 2, 6
1, 2, 6
ICC2
Standby Current (Stop
Mode)
2.0V
3.6V
5.5V
2.0V
3.6V
5.5V
1.6
1.8
1.9
5
8
15
12
15
18
30
40
60
µA
µA
µA
µA
µA
µA
VIN = 0 V, VCC WDT not Running
VIN = 0 V, VCC WDT not Running
VIN = 0 V, VCC WDT not Running
VIN = 0 V, VCC WDT is Running
VIN = 0 V, VCC WDT is Running
VIN = 0 V, VCC WDT is Running
3
3
3
3
3
3
ILV
Standby Current
(Low Voltage)
1.2
6
µA
Measured at 1.3V
4
VBO
VCC Low Voltage
Protection
1.9
2.15
V
8MHz maximum
Ext. CLK Freq.
VLVD
VCC Low Voltage
Detection
2.4
V
VHVD
Vcc High Voltage
Detection
2.7
V
Notes:
1. All outputs unloaded, inputs at rail.
2. CL1 = CL2 = 100 pF.
3. Oscillator stopped.
4. Oscillator stops when VCC falls below VBO limit.
5. It is strongly recommended to add a filter capacitor (minimum 0.1
µF), physically close to VCC and V
SS pins if operating
voltage fluctuations are anticipated, such as those resulting from driving an Infrared LED.
6. Comparator and Timers are on. Interrupt disabled.
7. Typical values shown are at 25 degrees C.
Table 10. GP323HE DC Characteristics (Continued)
TA= -40°C to +105°C
Units Conditions
Notes
Symbol
Parameter
VCC
Min
Typ(7)
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com