Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZGP323L Datasheet(PDF) 21 Page - Zilog, Inc.

Part # ZGP323L
Description  Programmable input glitch filter for pulse reception
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323L Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button ZGP323L Datasheet HTML 17Page - Zilog, Inc. ZGP323L Datasheet HTML 18Page - Zilog, Inc. ZGP323L Datasheet HTML 19Page - Zilog, Inc. ZGP323L Datasheet HTML 20Page - Zilog, Inc. ZGP323L Datasheet HTML 21Page - Zilog, Inc. ZGP323L Datasheet HTML 22Page - Zilog, Inc. ZGP323L Datasheet HTML 23Page - Zilog, Inc. ZGP323L Datasheet HTML 24Page - Zilog, Inc. ZGP323L Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
Z8 GPTM OTP MCU Family
Product Specification
PS023702-1004
P r e l i m i n a r y
AC Characteristics
15
Table 10. AC Characteristics
TA=0°C to +70°C
8.0MHz
Watch-Dog
Timer
Mode
Register
(D1, D0)
No Symbol
Parameter
VCC
Minimum
Maximum
Units Notes
1
TpC
Input Clock Period
2.0–3.6
121
DC
ns
1
2
TrC,TfC
Clock Input Rise and
Fall Times
2.0–3.6
25
ns
1
3
TwC
Input Clock Width
2.0–3.6
37
ns
1
4
TwTinL
Timer Input
Low Width
2.0
3.6
100
70
ns
1
5
TwTinH
Timer Input High
Width
2.0–3.6
3TpC
1
6
TpTin
Timer Input Period
2.0–3.6
8TpC
1
7
TrTin,TfTin Timer Input Rise and
Fall Timers
2.0–3.6
100
ns
1
8
TwIL
Interrupt Request
Low Time
2.0
3.6
100
70
ns
1, 2
9
TwIH
Interrupt Request
Input High Time
2.0–3.6
5TpC
1, 2
10 Twsm
Stop-Mode
Recovery Width
Spec
2.0–3.6
12
10TpC
ns
3
4
11 Tost
Oscillator
Start-Up Time
2.0–3.6
5TpC
4
12 Twdt
Watch-Dog Timer
Delay Time
2.0–3.6
2.0–3.6
2.0–3.6
2.0–3.6
5
10
20
80
ms
ms
ms
ms
0, 0
0, 1
1, 0
1, 1
13 TPOR
Power-On Reset
2.0–3.6
2.5
10
ms
Notes:
1. Timing Reference uses 0.9 VCC for a logic 1 and 0.1 VCC for a logic 0.
2. Interrupt request through Port 3 (P33–P31).
3. SMR – D5 = 1.
4. SMR – D5 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com