Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS22F Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SS22F
Description  2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS22F Datasheet(HTML) 1 Page - Nanjing International Group Co

  SS22F Datasheet HTML 1Page - Nanjing International Group Co SS22F Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Instantaneous Forward Voltage at 2.0A
MAXIMUM RATINGS AND ELECTRICAL CHARA
CTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig.1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
2.0
50
0.1
5
70
-65
+150
-65
+150
A
A
V
mA
mA
pF
SS22
F THRU SS220F
UNITS
Typical Thermal Resistance RqJA (Note 2)
SS22F
SS24F SS26F SS28F SS210F SS215F SS220F
0.55
0.70
0.80
170
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.063 grams
VOLTAGE RANGE
20 to 200 Volts
CURRENT
2.0 Ampere
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Low forward voltage drop
Dimensions in inches and (millimeters)
C
C
C/W
Operating
Storage Temperature Range TSTG
Temperature Range TJ
V
V
V
20
40
6
0
8
0
100
150
200
20
40
60
80
100
150
200
14
28
42
56
70
105
140
*BothnormalandPbfree productareavailable:
*Normal:80~95%Sn,5~20%Pb
*Pbfree:99SnabovecanmeetRohsenviromentsubstance
directiverequest
SMAF
Cathode Band
Top View
0.128(3.25)
0.144(3.65)
0.189(4.80)
0.173(4.40)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.043(1.10)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)


Similar Part No. - SS22F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS22F ETC2-SS22F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS22F CHENDA-SS22F Datasheet
628Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS22F YFWDIODE-SS22F Datasheet
160Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Microdiode Semiconducto...
SS22F CHENDA-SS22F Datasheet
812Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS22F DGNJDZ-SS22F Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS22F

ManufacturerPart #DatasheetDescription
logo
Bytes
SM220B BYTES-SM220B Datasheet
153Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM220AF SECOS-SM220AF_15 Datasheet
237Kb / 2P
2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS22A DGNJDZ-SS22A Datasheet
160Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS28F-80V-SMAF DGNJDZ-SS28F-80V-SMAF Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A-150V-SMAF DGNJDZ-SS215A-150V-SMAF Datasheet
117Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AA DGNJDZ-SS220-200V-DO-214AA Datasheet
161Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AC DGNJDZ-SS220-200V-DO-214AC Datasheet
132Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK22-2A-DO-214AA DGNJDZ-SK22-2A-DO-214AA Datasheet
131Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK22 BYTESONIC-SK22 Datasheet
649Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/5/23
SK22 BYTESONIC-SK22_V02 Datasheet
249Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2018/8/9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com