Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBQ60T65PESTH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MBQ60T65PESTH
Description  High Speed Fieldstop Trench IGBT Second Generation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MBQ60T65PESTH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MBQ60T65PESTH Datasheet HTML 1Page - MagnaChip Semiconductor. MBQ60T65PESTH Datasheet HTML 2Page - MagnaChip Semiconductor. MBQ60T65PESTH Datasheet HTML 3Page - MagnaChip Semiconductor. MBQ60T65PESTH Datasheet HTML 4Page - MagnaChip Semiconductor. MBQ60T65PESTH Datasheet HTML 5Page - MagnaChip Semiconductor. MBQ60T65PESTH Datasheet HTML 6Page - MagnaChip Semiconductor. MBQ60T65PESTH Datasheet HTML 7Page - MagnaChip Semiconductor. MBQ60T65PESTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nov. 2015 Revision 0.0
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Marking
Temp. Range
Package
Packing
RoHS Status
MBQ60T65PESTH
60T65PES
-55~175°C
TO-247
Tube
Halogen Free
Electrical Characteristic (Tvj = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Static Characteristic
Collector-emitter breakdown voltage
BVCES
IC = 2mA, VGE = 0V
650
-
-
V
Collector-emitter saturation voltage
VCE(sat)
IC = 60A, VGE =15V
Tvj = 25°C
-
1.85
2.4
V
Tvj = 175°C
-
2.6
-
Diode forward voltage
VF
VGE = 0V, IF = 25A
Tvj = 25°C
-
1.45
2.0
V
Tvj = 175°C
-
1.35
-
Gate-emitter threshold voltage
VGE(th)
VCE = VGE, IC = 0.5mA
4.0
5.0
6.0
V
Zero gate voltage collector current
ICES
VCE = 650V, VGE = 0V, Tvj = 25°C
-
-
40
μA
Gate-emitter leakage current
IGES
VGE = 20V, VCE = 0V
-
-
±100
nA
Dynamic Characteristic
Total gate charge
Qg
VCE = 520V, IC = 60A,
VGE = 15V
-
95
-
nC
Gate-emitter charge
Qge
-
19
-
Gate-collector charge
Qgc
-
47
-
Input capacitance
Cies
VCE = 25V, VGE = 0V,
f = 1MHz
-
2327
-
pF
Reverse transfer capacitance
Cres
-
55
-
Output capacitance
Coes
-
270
-
Internal emitter inductance
measured 5mm (0.197 in.) from case
LE
-
13.0
-
nH
Switching Characteristic
Turn-on delay time
td(on)
VGE = 15V, VCC = 400V,
IC = 60A, RG = 7Ω,
Inductive Load, Tvj = 25°C
-
42
-
ns
Rise time
tr
-
54
-
Turn-off delay time
td(off)
-
142
-
Fall time
tf
-
40
-
Turn-on switching energy
Eon
-
0.92
-
mJ
Turn-off switching energy
Eoff
-
0.53
-
Total switching energy
Ets
-
1.45
-
Turn-on delay time
td(on)
VGE = 15V, VCC = 400V,
IC = 60A, RG = 7Ω,
Inductive Load, Tvj = 175°C
-
45
-
ns
Rise time
tr
-
58
-
Turn-off delay time
td(off)
-
152
-
Fall time
tf
-
35
-
Turn-on switching energy
Eon
-
1.43
-
mJ
Turn-off switching energy
Eoff
-
0.53
-
Total switching energy
Ets
-
1.96
-
Reverse recovery time
trr
IF = 25A, diF/dt = 500A/ μs,
Tvj = 25°C
-
110
-
ns
Reverse recovery current
Irr
-
18
-
A
Reverse recovery charge
Qrr
-
1.10
-
μC
Reverse recovery time
trr
IF = 25A, diF/dt = 500A/ μs,
Tvj = 175°C
-
205
-
ns
Reverse recovery current
Irr
-
25
-
A
Reverse recovery charge
Qrr
-
2.67
-
μC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com