| Electronic Components Datasheet Search |
|
HPC46003V20 Datasheet(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
HPC46003V20 Datasheet(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 36 page ![]() Timer Overview The HPC16083 contains a powerful set of flexible timers enabling the HPC16083 to perform extensive timer func- tions not usually associated with microcontrollers The HPC16083 contains nine 16-bit timers Timer T0 is a free-running timer counting up at a fixed CKI16 (Clock In- put16) rate It is used for WATCHDOG logic high speed event capture and to exit from the IDLE mode Conse- quently it cannot be stopped or written to under software control Timer T0 permits precise measurements by means of the capture registers I2CR I3CR and I4CR A control bit in the register TMMODE configures timer T1 and its associ- ated register R1 as capture registers I3CR and I2CR The capture registers I2CR I3CR and I4CR respectively record the value of timer T0 when specific events occur on the interrupt pins I2 I3 and I4 The control register IRCD pro- grams the capture registers to trigger on either a rising edge or a falling edge of its respective input The specified edge can also be programmed to generate an interrupt (see Fig- ure 19 ) The HPC16083 provides an additional 16-bit free running timer T8 with associated input capture register EICR (Ex- ternal Interrupt Capture Register) and Configuration Regis- ter EICON EICON is used to select the mode and edge of the EI pin EICR is a 16-bit capture register which records the value of T8 (which is identical to T0) when a specific event occurs on the EI pin The timers T2 and T3 have selectable clock rates The clock input to these two timers may be selected from the following two sources an external pin or derived internally by dividing the clock input Timer T2 has additional capabili- ty of being clocked by the timer T3 underflow This allows the user to cascade timers T3 and T2 into a 32-bit timer counter The control register DIVBY programs the clock in- put to timers T2 and T3 (see Figure 20 ) The timers T1 through T7 in conjunction with their registers form Timer-Register pairs The registers hold the pulse du- ration values All the Timer-Register pairs can be read from or written to Each timer can be started or stopped under software control Once enabled the timers count down and upon underflow the contents of its associated register are automatically loaded into the timer TLDD8801 – 21 FIGURE 19 Timers T0 T1 and T8 with Four Input Capture Registers SYNCHRONOUS OUTPUTS The flexible timer structure of the HPC16083 simplifies pulse generation and measurement There are four syn- chronous timer outputs (TS0 through TS3) that work in con- junction with the timer T2 The synchronous timer outputs can be used either as regular outputs or individually pro- grammed to toggle on timer T2 underflows (see Figure 20 ) Timerregister pairs 4 – 7 form four identical units which can generate synchronous outputs on port P (see Figure 21 ) TLDD8801 – 22 FIGURE 20 Timers T2 – T3 Block 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |