Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MZ2Q-CFSPSKP0 Datasheet(PDF) 3 Page - SICK AG

Part # MZ2Q-CFSPSKP0
Description  SENSORS FOR C-SLOT CYLINDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

MZ2Q-CFSPSKP0 Datasheet(HTML) 3 Page - SICK AG

  MZ2Q-CFSPSKP0 Datasheet HTML 1Page - SICK AG MZ2Q-CFSPSKP0 Datasheet HTML 2Page - SICK AG MZ2Q-CFSPSKP0 Datasheet HTML 3Page - SICK AG MZ2Q-CFSPSKP0 Datasheet HTML 4Page - SICK AG MZ2Q-CFSPSKP0 Datasheet HTML 5Page - SICK AG MZ2Q-CFSPSKP0 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MZ2Q-CFSPSKP0 | MZ2Q-C
SENSORS FOR C-SLOT CYLINDERS
Housing material
Plastic
Connection type
Cable with M8 male connector, 4-pin, 0.3 m
Cable material
PUR
UL File No.
NRKH.E181493
1) Without load.
2) Ub and Ta constant.
Classifications
ECl@ss 5.0
27270104
ECl@ss 5.1.4
27270104
ECl@ss 6.0
27270104
ECl@ss 6.2
27270104
ECl@ss 7.0
27270104
ECl@ss 8.0
27270104
ECl@ss 8.1
27270104
ECl@ss 9.0
27270104
ETIM 5.0
EC002544
ETIM 6.0
EC002544
UNSPSC 16.0901
39122230
Connection diagram
Cd-032
+ (L+)
Q2
- (M)
1
4
3
2
Q1
brn
blk
blu
wht
2017-05-04 16:20:10 | Online data sheet
Subject to change without notice
MAGNETIC CYLINDER SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com