Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXDH35N60B Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDH35N60B
Description  IGBT with optional Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDH35N60B Datasheet(HTML) 3 Page - IXYS Corporation

  IXDH35N60B Datasheet HTML 1Page - IXYS Corporation IXDH35N60B Datasheet HTML 2Page - IXYS Corporation IXDH35N60B Datasheet HTML 3Page - IXYS Corporation IXDH35N60B Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 IXYS All rights reserved
3 - 4
IXDP 35N60 B
IXDH 35N60 B
IXDH 35N60 BD1
0
123456
7
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
0
5
10
15
20
25
30
0
40
80
120
01
23
0
10
20
30
40
50
60
70
80
0
204060
80
100
120
0
3
6
9
12
15
01
234
56
7
0
10
20
30
40
50
60
70
80
T
J = 25°C
T
J = 125°C
V
CE = 480V
I
C
= 30A
34
56789
10
0
10
20
30
40
50
60
70
80
V
CE = 20V
V
CE
V
A
I
C
V
CE
A
I
C
V
V
V
V
GE
V
F
A
I
C
I
F
nC
Q
G
-di/dt
V
V
GE
I
RM
t
rr
ns
A/
ms
IXDx35N60B
T
J = 125°C
V
R = 300V
I
F = 15A
T
J = 25°C
T
J = 125°C
I
RM
t
rr
T
J = 25°C
T
J = 125°C
9V
11V
V
GE= 17V
15V
13V
9V
11V
V
GE= 17V
15V
13V
A
A
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
Fig. 3 Typ. transfer characteristics
Fig. 4 Typ. forward characteristics of
free wheeling diode
Fig. 5 Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of
free wheeling diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com