Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C128M16D2 Datasheet(PDF) 39 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D2
Description  Auto Refresh and Self Refresh
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D2 Datasheet(HTML) 39 Page - Alliance Semiconductor Corporation

Back Button AS4C128M16D2 Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 36Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 37Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 38Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 39Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 40Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 41Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 42Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 43Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
AS4C128M16D2
Confidential
38
Version
2.0 – Oct/2014
Burst Write with Auto-Precharge
If A10 is high when a Write Command is issued, the Write with Auto-Precharge function is engaged. The DDR2
SDRAM automatically begins precharge operation after the completion of the write burst plus the write recovery
time delay (WR), programmed in the MRS register, as long as tRAS is satisfied. The bank undergoing Auto-Precharge
from the completion of the write burst may be reactivated if the following two conditions are satisfied.
(1) The last data-in to bank activate delay time (tDAL = WR + tRP) has been satisfied.
(2) The RAS cycle time (tRC) from the previous bank activation has been satisfied.
In DDR2 SDRAMs the write recovery time delay (WR ) has to be programmed into the MRS mode register. As long as
the analog tWR timing parameter is not violated, WR can be programmed between 2 and 6 clock cycles. Minimum
Write to Activate command spacing to the same bank = WL + BL/2 + tDAL.
E xamples:
Burs t Write with Auto-Precharge (tRC Limit) : WL = 2, tDAL = 6 (WR = 3, tRP = 3) , BL = 4
T0
T1
T2
T3
T4
T5
T6
T7
CK, CK
CMD
WRITE A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Bank A
Activate
DQS,
DQS
A10 ="high"
Completion of the Burst Write
Auto-Precharge Begins
WL = RL-1 = 2
WR
tDAL
tRP
DQ
DIN A0 DIN A1 DIN A2 DIN A3
tRCmin.
>=tRASmin.
BW-AP223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com