Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4060Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCF4060Y
Description  14-stage ripple carry binary counter/divider and oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4060Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCF4060Y Datasheet HTML 4Page - STMicroelectronics HCF4060Y Datasheet HTML 5Page - STMicroelectronics HCF4060Y Datasheet HTML 6Page - STMicroelectronics HCF4060Y Datasheet HTML 7Page - STMicroelectronics HCF4060Y Datasheet HTML 8Page - STMicroelectronics HCF4060Y Datasheet HTML 9Page - STMicroelectronics HCF4060Y Datasheet HTML 10Page - STMicroelectronics HCF4060Y Datasheet HTML 11Page - STMicroelectronics HCF4060Y Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical characteristics
HCF4060
8/15
DocID2055 Rev 6
Table 6. Dynamic electrical characteristics
(Tamb = 25 °C, CL = 50 pF, RL = 200 KΩ, tr = tf = 20 ns)
Symbol
Parameter
Test condition
Value(1)
Unit
VDD (V)
Min. Typ. Max.
tTLH, tTHL Output transition time
5
100
200
ns
10
50
100
15
40
80
tPLH, tPHL Propagation delay time (φ to Q4 out)
5
370
740
10
150
300
15
100
200
tPLH, tPHL Propagation delay time (Qn to Qn+1)
5
100
200
10
50
100
15
40
80
tW
Input pulse width
5
f = 100 KHz
50
100
10
20
40
15
15
30
tr, tf
Input pulse rise and fall time
5
Unlimited
μs
10
15
fmax
Maximum clock input frequency
53.5
7
MHz
10
8
16
15
12
24
Reset operation
tPHL
Propagation delay time
5
180
360
ns
10
80
160
15
50
100
tW
Input pulse width
560
120
10
30
60
15
20
40
RC operation
Variation of frequency
(unit-to-unit)
5
Cx = 200 pF, Rs = 560 KΩ,
Rx = 50 KΩ
18
21.5
25
KHz
10
20
23
26
15
21.1
24
27
Variation of frequency with voltage
change
(the same unit)
5 to 10
Cx= 200 pF, Rs = 560 KΩ,
Rx = 50 KΩ
2
10 to 15
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com