Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS6C2008A Datasheet(PDF) 14 Page - Alliance Semiconductor Corporation

Part # AS6C2008A
Description  Fully static operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C2008A Datasheet(HTML) 14 Page - Alliance Semiconductor Corporation

Back Button AS6C2008A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 12Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 13Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 14Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 15Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AS6C
2008
-55
X
X
N
Device
Number
Package Option
S = 32pin 450 mil SOP
Temperature
Range
20 = 2M
ST = 32pin sTSOP(8 x 13.4)
I = Industrial
low power
SRAM prefix 08 = x8
Access
Time
T = 32pin TSOP - 1(8 x 20mm)
(-40 to + 85 C)
N = Lead Free
RoHS
compliant part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com