Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4802B Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4802B
Description  Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4802B Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4802B Datasheet HTML 3Page - National Semiconductor (TI) LM4802B Datasheet HTML 4Page - National Semiconductor (TI) LM4802B Datasheet HTML 5Page - National Semiconductor (TI) LM4802B Datasheet HTML 6Page - National Semiconductor (TI) LM4802B Datasheet HTML 7Page - National Semiconductor (TI) LM4802B Datasheet HTML 8Page - National Semiconductor (TI) LM4802B Datasheet HTML 9Page - National Semiconductor (TI) LM4802B Datasheet HTML 10Page - National Semiconductor (TI) LM4802B Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical Performance Characteristics (Continued)
PSRR vs Frequency
V
1 = 6.1V, ZL =2µF+30
Ω,
V
ripple = 200mVpp,AV-BTL = 26dB
Power Derating Curve - LLP
P
DMAX = 150mW
V
DD = 3.0V, ZL =2µF+30
Ω
200941B5
200941B8
Power Derating Curve - LLP
P
DMAX = 136mW
V
DD = 4.2V, ZL =2µF+30
Ω
Power Dissipation vs Output Voltage
V
DD = 3.0V, ZL =2µF+30
Ω
200941B9
200941B6
Power Dissipation vs Output Voltage
V
DD = 4.2V, ZL =2µF+30
Ω
From top to bottom: V
1 = 6.1V, V1 = 5.8V, V1 = 5.0V
Amplifier Open Loop
Frequency Response
200941B7
20094101
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com