Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LRI64
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LRI64 Datasheet HTML 13Page - STMicroelectronics LRI64 Datasheet HTML 14Page - STMicroelectronics LRI64 Datasheet HTML 15Page - STMicroelectronics LRI64 Datasheet HTML 16Page - STMicroelectronics LRI64 Datasheet HTML 17Page - STMicroelectronics LRI64 Datasheet HTML 18Page - STMicroelectronics LRI64 Datasheet HTML 19Page - STMicroelectronics LRI64 Datasheet HTML 20Page - STMicroelectronics LRI64 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17/38
LRI64
REQUEST PROCESSING BY THE LRI64
Upon reception of a valid Request, the LRI64 per-
forms the following algorithm, where:
NbS is the total number of slots (1 or 16)
SN is the current slot number (0 to 15)
The function LSB(value,n) returns the n least
significant bits of value
The function MSB(value,n) returns the n most
significant bits of value
“&” is the concatenation operator
Slot_Frame is either a SOF or an EOF
SN = 0
if (Nb_slots_flag)
then
NbS = 1
SN_length = 0
endif
else
NbS = 16
SN_length = 4
endif
label1:
if LSB(UID, SN_length + Mask_length) =
LSB(SN,SN_length)&LSB(Mask,Mask_length)
then
answer to inventory request
endif
wait (Slot_Frame)
if Slot_Frame = SOF
then
Stop Anticollision
decode/process request
exit
endif
if Slot_Frame = EOF
if SN < NbS-1
thenSN = SN + 1
goto label1
exit
endif
endif
Explanation of the Possible Cases
Figure 22. summarizes the main possible cases
that can occur during an anti-collision sequence
when the number of slots is 16.
The different steps are:
The VCD sends an Inventory Request, in a
frame, terminated by a EOF. The number of
slots is 16.
LRI64 #1 transmits its Response in Slot 0. It is
the only one to do so, therefore no collision
occurs and its UID is received and registered
by the VCD;
The VCD sends an EOF, to switch to the next
slot.
In slot 1, two LRI64 devices, #2 and #3,
transmit their Responses. This generates a
collision. The VCD records it, and remembers
that a collision was detected in Slot 1.
The VCD sends an EOF, to switch to the next
slot.
In Slot 2, no LRI64 transmits a Response.
Therefore the VCD does not detect a LRI64
SOF, and decides to switch to the next slot by
sending an EOF.
In slot 3, there is another collision caused by
Responses from LRI64 #4 and #5
The VCD then decides to send a Request (for
instance a Read Block) to LRI64 #1, whose
UID was already correctly received.
All LRI64 devices detect a SOF and exit the
anti-collision sequence. They process this
Request and since the Request is addressed
to LRI64 #1, only LRI64 #1 transmits its
Response.
All LRI64 devices are ready to receive another
Request. If it is an Inventory command, the
slot numbering sequence restarts from 0.
Note: the decision to interrupt the anti-collision se-
quence is up to the VCD. It could have continued
to send EOFs until Slot 15 and then send the Re-
quest to LRI64 #1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com