Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1111C Datasheet(PDF) 5 Page - ams AG

Part # AS1111C
Description  This document describes the AS1111C Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1111C Datasheet(HTML) 5 Page - ams AG

  AS1111C Datasheet HTML 1Page - ams AG AS1111C Datasheet HTML 2Page - ams AG AS1111C Datasheet HTML 3Page - ams AG AS1111C Datasheet HTML 4Page - ams AG AS1111C Datasheet HTML 5Page - ams AG AS1111C Datasheet HTML 6Page - ams AG AS1111C Datasheet HTML 7Page - ams AG AS1111C Datasheet HTML 8Page - ams AG AS1111C Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AS1111C Standard Board
ams Eval Kit Manual
Page 5
[v1-00] 2015-Jan-20
Document Feedback
Label
Name
Designator
Description
Info
A
J_EN
J_EN
Enable or
Disable the LED
– driver
GND - disabled
VSET - enabled
B
RSET
J_Rset
Connect different kind of
RSET or you can make a
parallel connection.
Depending on Jumper
J_CTRL.
C
J_CTRL
J_CTRL
Connect /
Disconnect the
soldered (51k)
REST resistor.
Connect VLED
to CTRL
CTRL to Vset
CTRL to VLED
D
LED´s
J_D1, J_D2;
J_D3, J_D4
Female Header
Connect different kind of
LED´s
E
J1
J1
Jumper
Connect / Disconnect LED´s
Figure 4: Measurement Points
Label
Name
Designator
Description
Info
A
Enable
EN
VEN
 2.2V: VOUT is enabled
VEN
 0.5V: VOUT is disabled
B
GND
GND
Ground
Measurement Point
C
VSET
VSET
Voltage to set the LED current
Measurement Point
D
GND
GND
Ground
Measurement Point
E
LED Voltage
VLED
Supply Voltage for the LED´s
Measurement Point
C
E
D
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com