Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64-A1S Datasheet(PDF) 23 Page - STMicroelectronics

Part # LRI64-A1S
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A1S Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LRI64-A1S Datasheet HTML 19Page - STMicroelectronics LRI64-A1S Datasheet HTML 20Page - STMicroelectronics LRI64-A1S Datasheet HTML 21Page - STMicroelectronics LRI64-A1S Datasheet HTML 22Page - STMicroelectronics LRI64-A1S Datasheet HTML 23Page - STMicroelectronics LRI64-A1S Datasheet HTML 24Page - STMicroelectronics LRI64-A1S Datasheet HTML 25Page - STMicroelectronics LRI64-A1S Datasheet HTML 26Page - STMicroelectronics LRI64-A1S Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23/38
LRI64
Write Single Block
When receiving the Write Single Block command,
the LRI64 writes the requested block with the data
contained in the Request and report the success
of the operation in the Response. The Option_Flag
is not supported and must be set to 0. The Write
Single Block can be issued in both addressed and
non addressed modes.
During the write cycle tW, no modulation shall oc-
cur, otherwise the LRI64 may program the data in-
correctly in the memory.
The Request Frame (Figure 31.) contains:
–
Request Flags (Table 3. and Table 4.)
–
Write Single Block Command Code (21h,
Table 9.)
–
Unique ID (Optional)
–
Block Number
–Data
–
2-byte CRC (Figure 16.)
If there is no error, at the LRI64, an empty Re-
sponse Frame (Figure 32.) is sent back after the
write cycle, containing no parameters. It just con-
tains:
–
Response Flags (Table 6.)
–
2-byte CRC (Figure 16.)
Otherwise, if there is an error, the Response
Frame (Figure 33.) contains:
–
Response Flags (01h, Table 6.)
–
Error Code (0Fh, Table 7.)
–
2-byte CRC (Figure 16.)
Figure 31. Write Single Block, Request Frame Format
Figure 32. Write Single Block, Response Frame Format, when Error_Flag is not Set
Figure 33. Write Single Block, Response Frame Format, when Error_Flag is Set
Figure 34. Write Single Block Frame Exchange between VCD and LRI64
AI09735
Request
SOF
Request
Flags
Command
Code
UID
2-Byte
CRC
Request
EOF
8 bits
8 bits
21h
64 bits
16 bits
Block
Number
8 bits
Data
8 bits
AI09736
Response
SOF
Response
Flags
2-Byte
CRC
Response
EOF
8 bits
16 bits
AI09737
Response
SOF
Response
Flags
Error
Code
2-Byte
CRC
Response
EOF
8 bit
01h
8 bits
0Fh
16 bits
AI06833B
VCD
VICC
VICC
t1
EOF
SOF
Write Single
Block Request
EOF
SOF
Write Single
Block Response
Write sequence when error
SOF
Write Single
Block Response
EOF
t1
tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com