Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64-A6S2U Datasheet(PDF) 13 Page - STMicroelectronics

Part # LRI64-A6S2U
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A6S2U Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LRI64-A6S2U Datasheet HTML 9Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 10Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 11Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 12Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 13Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 14Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 15Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 16Page - STMicroelectronics LRI64-A6S2U Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13/38
LRI64
LRI64 PROTOCOL DESCRIPTION
The Transmission protocol defines the mecha-
nism to exchange instructions and data between
the VCD and the LRI64, in each direction. Based
on “VCD talks first”, the LRI64 does not start trans-
mitting unless it has received and properly decod-
ed an instruction sent by the VCD.
The protocol is based on an exchange of:
–
a Request from the VCD to the LRI64
–
a Response from the LRI64 to the VCD
Each Request and each Response are contained
in a Frame. The frame delimiters (SOF, EOF) are
described in the previous paragraphs.
Each Request (Figure 17.) consists of:
–
Request SOF (Figure 8.)
–
Request Flags (Table 3. to Table 5.)
–
Command Code
–
Parameters (depending on the Command)
–
Application Data
–
2-byte CRC (Figure 16.)
–
Request EOF (Figure 9.)
Each Response (Figure 18.) consists of:
–
Response SOF (Figure 12.)
–
Response Flags (Table 6.)
–
Parameters (depending on the Command)
–
Application Data
–
2-byte CRC (Figure 16.)
–
Response EOF (Figure 13.)
The number of bits transmitted in a frame is a mul-
tiple of eight, and thus always an integer number
of bytes.
Single-byte fields are transmitted Least Significant
Bit first.
Multiple-byte fields are transmitted Least Signifi-
cant Byte first, with each byte transmitted Least
Significant Bit first.
The setting of the flags indicates the presence of
any optional fields. When the flag is set, 1, the field
is present. When the flag is reset, 0, the field is ab-
sent.
Figure 17. VCD Request Frame Format
Figure 18. LRI64 Response Frame Format
Figure 19. LRI64 Protocol Timing
AI09727
Request
SOF
Request
Flags
Command
Code
Parameters
Data
2-Byte
CRC
Request
EOF
AI09728
Response
SOF
Response
Flags
Parameters
Data
2-Byte
CRC
Response
EOF
AI06830B
VCD
Request Frame
Request Frame
VICC
Response Frame
Response Frame
Timing
t1
t2
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com