Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OA4MPA33Q Datasheet(PDF) 14 Page - STMicroelectronics

Part # OA4MPA33Q
Description  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4MPA33Q Datasheet(HTML) 14 Page - STMicroelectronics

Back Button OA4MPA33Q Datasheet HTML 10Page - STMicroelectronics OA4MPA33Q Datasheet HTML 11Page - STMicroelectronics OA4MPA33Q Datasheet HTML 12Page - STMicroelectronics OA4MPA33Q Datasheet HTML 13Page - STMicroelectronics OA4MPA33Q Datasheet HTML 14Page - STMicroelectronics OA4MPA33Q Datasheet HTML 15Page - STMicroelectronics OA4MPA33Q Datasheet HTML 16Page - STMicroelectronics OA4MPA33Q Datasheet HTML 17Page - STMicroelectronics OA4MPA33Q Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Electrical characteristics
OA1MPA, OA2MPA, OA4MPA
14/28
DocID025992 Rev 1
Figure 14. Positive slew rate
Figure 15. Negative slew rate
Figure 16. Slew rate vs. supply voltage
Figure 17. Noise vs. frequency
Figure 18. 0.1 Hz to 10 Hz noise
Figure 19. THD+N vs. frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com