Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64-A6S2U/XXX Datasheet(PDF) 33 Page - STMicroelectronics

Part # LRI64-A6S2U/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A6S2U/XXX Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LRI64-A6S2U/XXX Datasheet HTML 29Page - STMicroelectronics LRI64-A6S2U/XXX Datasheet HTML 30Page - STMicroelectronics LRI64-A6S2U/XXX Datasheet HTML 31Page - STMicroelectronics LRI64-A6S2U/XXX Datasheet HTML 32Page - STMicroelectronics LRI64-A6S2U/XXX Datasheet HTML 33Page - STMicroelectronics LRI64-A6S2U/XXX Datasheet HTML 34Page - STMicroelectronics LRI64-A6S2U/XXX Datasheet HTML 35Page - STMicroelectronics LRI64-A6S2U/XXX Datasheet HTML 36Page - STMicroelectronics LRI64-A6S2U/XXX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33/38
LRI64
APPENDIX A. ALGORITHM FOR PULSED SLOTS
The following pseudo-code describes how the
anti-collision could be implemented on the VCD,
using recursive functions.
function push (mask, address); pushes on private stack
function pop (mask, address); pops from private stack
function pulse_next_pause; generates a power pulse
function store(LRI64_UID); stores LRI64_UID
function poll_loop (sub_address_size as integer)
pop (mask, address)
mask = address & mask; generates new mask
; send the Request
mode = anti-collision
send_Request (Request_cmd, mode, mask length, mask value)
for sub_address = 0 to (2^sub_address_size - 1)
pulse_next_pause
if no_collision_is_detected ; LRI64 is inventoried
then
store (LRI64_UID)
else; remember a collision was detected
push(mask,address)
endif
next sub_address
if stack_not_empty ; if some collisions have been detected and
then ; not yet processed, the function calls itself
poll_loop (sub_address_size); recursively to process the last stored collision
endif
end poll_loop
main_cycle:
mask = null
address = null
push (mask, address)
poll_loop(sub_address_size)
end_main_cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com