Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64-A7T/XXX Datasheet(PDF) 11 Page - STMicroelectronics

Part # LRI64-A7T/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T/XXX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LRI64-A7T/XXX Datasheet HTML 7Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 8Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 9Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 10Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 11Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 12Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 13Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 14Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11/38
LRI64
LRI64 TO VCD FRAMES
Response Frames are delimited by a Start of
Frame (SOF) and an End of Frame (EOF) and are
implemented using a code violation mechanism.
The LRI64 supports these in the one subcarrier
mode, at the fast data rate, only.
The VCD is ready to receive a response frame
from the LRI64 before 320.9µs (t1) after having
sent a command frame.
LRI64 SOF
SOF comprises three parts: (see Figure 12.)
–
an unmodulated period of 56.64µs,
–
24 pulses of 423.75kHz (fc/32),
–
a logic 1 which starts with an unmodulated
period of 18.88µs followed by 8 pulses of
423.75kHz.
LRI64 EOF
EOF comprises three parts: (see Figure 13.)
–
a logic 0 which starts with 8 pulses of
423.75kHz followed by an unmodulated
period of 18.88µs.
–
24 pulses of 423.75kHz (fC/32),
–
an unmodulated time of 56.64µs.
Figure 12. Response SOF, using High Data Rate and One Subcarrier
Figure 13. Response EOF, using High Data Rate and One Subcarrier
AI06671B
113.28 µs
37.76 µs
AI06675B
113.28 µs
37.76 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com