Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SVT8100VB Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SVT8100VB
Description  ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVT8100VB Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SVT8100VB_16 Datasheet HTML 1Page - Pan Jit International Inc. SVT8100VB_16 Datasheet HTML 2Page - Pan Jit International Inc. SVT8100VB_16 Datasheet HTML 3Page - Pan Jit International Inc. SVT8100VB_16 Datasheet HTML 4Page - Pan Jit International Inc. SVT8100VB_16 Datasheet HTML 5Page - Pan Jit International Inc. SVT8100VB_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PSVT8100VB
June 1
6,2016-REV.01
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Breakdown voltage
VBR
IR=0.5mA
TJ=25
oC
100
-
-
V
Instantaneous forward
voltage
VF
IF=1A
IF=5A
IF=8A
TJ=25
oC
-
-
-
0.4
0.55
0.62
-
-
0.67
V
IF=1A
IF=5A
TJ=125
oC
-
-
0.3
0.51
-
-
V
Reverse current
IR
VR=70V
TJ=25
oC
-
10
-
A
VR=100V
TJ=25
oC
TJ=125
oC
-
-
-
7
50
-
A
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com