Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OA1ZHA22C Datasheet(PDF) 16 Page - STMicroelectronics

Part # OA1ZHA22C
Description  Fitness and healthcare
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1ZHA22C Datasheet(HTML) 16 Page - STMicroelectronics

Back Button OA1ZHA22C Datasheet HTML 12Page - STMicroelectronics OA1ZHA22C Datasheet HTML 13Page - STMicroelectronics OA1ZHA22C Datasheet HTML 14Page - STMicroelectronics OA1ZHA22C Datasheet HTML 15Page - STMicroelectronics OA1ZHA22C Datasheet HTML 16Page - STMicroelectronics OA1ZHA22C Datasheet HTML 17Page - STMicroelectronics OA1ZHA22C Datasheet HTML 18Page - STMicroelectronics OA1ZHA22C Datasheet HTML 19Page - STMicroelectronics OA1ZHA22C Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Electrical characteristic curves
OA1ZHA, OA2ZHA, OA4ZHA
16/35
DocID025994 Rev 2
Figure 32: Positive overvoltage recovery at VCC = 1.8 V
Figure 33: Positive overvoltage recovery at VCC = 5 V
Figure 34: Negative overvoltage recovery
at VCC = 1.8 V
Figure 35: Negative overvoltage recovery
at VCC = 5 V
Figure 36: PSRR vs. frequency
Figure 37: Output impedance vs. frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com