Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75C176B Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST75C176B
Description  Low power RS-485/RS-422 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C176B Datasheet(HTML) 1 Page - STMicroelectronics

  ST75C176B Datasheet HTML 1Page - STMicroelectronics ST75C176B Datasheet HTML 2Page - STMicroelectronics ST75C176B Datasheet HTML 3Page - STMicroelectronics ST75C176B Datasheet HTML 4Page - STMicroelectronics ST75C176B Datasheet HTML 5Page - STMicroelectronics ST75C176B Datasheet HTML 6Page - STMicroelectronics ST75C176B Datasheet HTML 7Page - STMicroelectronics ST75C176B Datasheet HTML 8Page - STMicroelectronics ST75C176B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2007
Rev 4
1/17
17
ST75C176B
ST75C176C
Low power RS-485/RS-422 transceiver
Features
■ Low quiescent current: 300 mA
■ Designed for RS-485 interface applications
■ -7 V to 12 V common mode input voltage range
■ Driver maintains high impedance in 3-state or
with the power OFF
■ 70 mV typical input hysteresis
■ 30 ns propagation delays, 5 ns skew
■ Operate from a single 5 V supply
■ Current limiting and thermal shutdown for
driver overload protection
■ Allows up to 32 transceivers on the bus
■ BiCMOS technology
Description
The ST75C176B/C is al low power transceiver for
RS-485 and RS-422 communication. Each part
contains one driver and one receiver.
This transceiver draw 300 mA (typ.) of supply
current when unloaded or fully loaded with
disabled drivers.
It operates from a single 5 V supply.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that placed the driver
outputs into a high-impedance state. The receiver
input has a fail safe feature that guarantees a
logic-high output if the input is open circuit.
The ST75C176B/C is designed for bidirectional
data communications on multipoint bus
transmission line (half-duplex applications).
DIP-8
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
ST75C176CN
0 to 70 °C
DIP-8
50parts per tube / 40tube per box
ST75C176BN
-40 to 85 °C
DIP-8
50parts per tube / 40tube per box
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ST75C176B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C176BD STMICROELECTRONICS-ST75C176BD Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST75C176BDR STMICROELECTRONICS-ST75C176BDR Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST75C176BN STMICROELECTRONICS-ST75C176BN Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
More results

Similar Description - ST75C176B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
Low power RS-485/RS-422 transceiver
02-Aug-2006
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com