Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA311BTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA311BTR
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311BTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA311BTR Datasheet HTML 10Page - STMicroelectronics STA311BTR Datasheet HTML 11Page - STMicroelectronics STA311BTR Datasheet HTML 12Page - STMicroelectronics STA311BTR Datasheet HTML 13Page - STMicroelectronics STA311BTR Datasheet HTML 14Page - STMicroelectronics STA311BTR Datasheet HTML 15Page - STMicroelectronics STA311BTR Datasheet HTML 16Page - STMicroelectronics STA311BTR Datasheet HTML 17Page - STMicroelectronics STA311BTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
Device overview
STA311B
14/102
DocID024340 Rev 1
Phase-locked loop (PLL)
The phase-locked loop section provides the system timing signals and CKOUT.
Clock output (CKOUT)
System synchronization and master clocks are provided by CKOUT.
PWM outputs (OUT1 through OUT8)
The PWM outputs provide the input signal for the power devices.
External amplifier power-down (EAPD)
This signal can be used to control the power-down of the FFX power devices.
Serial data out (SDO_12, SDO_34, SDO_56, SDO_78)
When the pop-noise removal feature is disabled, these are the outputs for the audio
information. Six different formats are available including I²S, left-or right-justified, LSB or
MSB first, with word widths of 16, 18, 20 and 24 bits.
However, when the pop-noise removal feature is enabled, SDO_12 and SDO_34 output the
audio information, whereas SDO_56 is used as the external power bridge fault input and
SDO_78 as the external power bridge tristate signal.
Device power-down (PWDN)
Pulling PWDN low begins the power-down sequence which puts the STA311B into a
low-power state. EAPD goes low approximately 30 ms later.
Frequency sampling autodetection
The system clock is generated by PLL using XTI or BICKI input, and the ratio (IR) between
the frequency sampling (Fs) of the audio serial and the PLL clock has to be set in the
appropriate registers via the I²C interface. If the Fs autodetection function has been
enabled, the IR parameter will be set automatically based on the Fs input (see Fs
autodetection on page 32).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com