Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLP331M160A1P3 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # SLP331M160A1P3
Description  Best for switching power supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP331M160A1P3 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

  SLP331M160A1P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP331M160A1P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP331M160A1P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP331M160A1P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP331M160A1P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP331M160A1P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP331M160A1P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP331M160A1P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLP331M160A1P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Type SLP 105 °C Snap-In Aluminum Electrolytic
Best Value 105 °C Snap-In Type
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Capacitance vs Frequency at Temperatures 330 µF 350 V
85 ºC
25 ºC
45 ºC
0 ºC
–40 ºC
65 ºC
–20 ºC
105 ºC
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Capacitance vs Frequency at Temperatures 1200 µF 200 V
85 ºC
25 ºC
45 ºC
0 ºC
–40 ºC
65 ºC
–20 ºC
105 ºC
0.1
1
10
100
1000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP ESR vs Frequency at Temperatures 330 µF 350 V
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
45 ºC
–40 ºC
105 ºC
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Impedance vs Frequency at Temperatures 330 µF 350 V
–40 ºC
0 ºC
25 ºC
85 ºC
65 ºC
45 ºC
–20 ºC
105 ºC
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Impedance vs Frequency at Temperatures 1200 µF 200 V
–40 ºC
0 ºC
25 ºC
65 ºC 85 ºC
45 ºC
–20 ºC
105 ºC
Typical Performance Curves
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP ESR vs Frequency at Temperatures 1200 µF 200 V
–20 ºC
0 ºC
25 ºC
65 ºC85ºC
45 ºC
–40 ºC
105 C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com