Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STOD32A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD32A
Description  300 mA triple DC-DC converter for powering AMOLED displays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD32A Datasheet(HTML) 1 Page - STMicroelectronics

  STOD32A Datasheet HTML 1Page - STMicroelectronics STOD32A Datasheet HTML 2Page - STMicroelectronics STOD32A Datasheet HTML 3Page - STMicroelectronics STOD32A Datasheet HTML 4Page - STMicroelectronics STOD32A Datasheet HTML 5Page - STMicroelectronics STOD32A Datasheet HTML 6Page - STMicroelectronics STOD32A Datasheet HTML 7Page - STMicroelectronics STOD32A Datasheet HTML 8Page - STMicroelectronics STOD32A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 2014
DocID026653 Rev 1
1/9
For further information contact your local STMicroelectronics sales
office.
www.st.com
STOD32A
300 mA triple DC-DC converter for powering AMOLED displays
Data brief
Features
Operating input voltage range from 2.5 V to
4.5 V
300 mA output current for step-up and
inverting converters (VIN > 2.9 V)
55 mA output current for an auxiliary step-up
converter (VIN > 2.9 V)
4.6 V positive step-up converter
Programmable negative voltage from - 0.8 V
to - 4.8 V default -4.0 V
Auxiliary step-up converter positive voltage
programmable step from 5.8 V to 7.9 V
default 7.6 V
Soft-start with inrush current protection
Overtemperature protection
True-shutdown mode
Short-circuit protection
Package QFN16 (3.0x3.0 mm), 0.5 mm pitch
Applications
Active matrix OLED power supply in portable
devices
Cellular phones, multimedia players,
camcorders and digital still cameras
Description
The STOD32A is a triple DC-DC converter for
AMOLED display panels. It integrates 300 mA
step-up and inverting DC-DC converters plus
auxiliary step-up converter. This device is
particularly suitable for battery-operated
products, in which the major concern is overall
system efficiency. Output voltages can be
programmed by a dedicated pin, which
implements SWIRE protocol. Soft-start with
controlled inrush current limit, thermal shutdown
and short-circuit protection are integrated
functions of the device.


Similar Part No. - STOD32A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD32W STMICROELECTRONICS-STOD32W Datasheet
245Kb / 7P
100 mA triple DC-DC converter for powering AMOLED displays
04-Jun-2014
STOD32WJR STMICROELECTRONICS-STOD32WJR Datasheet
245Kb / 7P
100 mA triple DC-DC converter for powering AMOLED displays
04-Jun-2014
More results

Similar Description - STOD32A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
Dual DC-DC converter for powering AMOLED display
30-Jun-2009
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
Dual DC-DC converter for powering an AMOLED display
30-Nov-2010
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
700 mA dual DC-DC converter for powering AMOLED displays
16-Aug-2012
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
300 mA triple DC-DC converter for powering AMOLED display
07-Jan-2014
STOD32W STMICROELECTRONICS-STOD32W Datasheet
245Kb / 7P
100 mA triple DC-DC converter for powering AMOLED displays
04-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com