Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

US4D Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # US4D
Description  4.0 AMP HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

US4D Datasheet(HTML) 1 Page - Nanjing International Group Co

  US4D Datasheet HTML 1Page - Nanjing International Group Co US4D Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US4A
US4M
THRU
4.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 4.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range Tj, TSTG
4
.0
1.0
1.3
1.65
240
5
150
50
70
75
-65
+150
V
A
A
V
mA
mA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
4
.0 Amperes
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
V
V
* Weight: 0.063 grams
FEATURES
MECHANICAL DATA
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
.
UNITS
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
DO-214AB(SMC)
Dimensions in inches and (millimeters)
.305(7.75)
.320(8.13)
.260(6.60)
.280(7.11)
.006(0.152)
.012(0.305)
.108(2.75)
.128(3.25)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.220(5.59)
.245(6.22)
.008
(.203)
MAX.
US4A
US4B
US4D US4G
US4J
US4K
US4M


Similar Part No. - US4D

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US4D DGNJDZ-US4D Datasheet
112Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
US4D DGNJDZ-US4D Datasheet
112Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - US4D

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MUR405 DGNJDZ-MUR405 Datasheet
101Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
US4A DGNJDZ-US4A Datasheet
79Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
US4A-2C4A-2CDO-214AB DGNJDZ-US4A-2C4A-2CDO-214AB Datasheet
112Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
US4B-2C4A-2CDO-214AB DGNJDZ-US4B-2C4A-2CDO-214AB Datasheet
112Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
US4G-2C4A-2CDO-214AB DGNJDZ-US4G-2C4A-2CDO-214AB Datasheet
112Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
US4M-2C4A-2CDO-214AB DGNJDZ-US4M-2C4A-2CDO-214AB Datasheet
112Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
MUR405-2C4A-2CDO-27 DGNJDZ-MUR405-2C4A-2CDO-27 Datasheet
140Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
MUR410-2C4A-2CDO-27 DGNJDZ-MUR410-2C4A-2CDO-27 Datasheet
140Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
MUR430-2C4A-2CDO-27 DGNJDZ-MUR430-2C4A-2CDO-27 Datasheet
140Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
MUR480-2C4A-2CDO-27 DGNJDZ-MUR480-2C4A-2CDO-27 Datasheet
140Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com