Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZW06-28B Datasheet(PDF) 3 Page - STMicroelectronics

Part # BZW06-28B
Description  Unidirectional and bidirectional types
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06-28B Datasheet(HTML) 3 Page - STMicroelectronics

  BZW06-28B Datasheet HTML 1Page - STMicroelectronics BZW06-28B Datasheet HTML 2Page - STMicroelectronics BZW06-28B Datasheet HTML 3Page - STMicroelectronics BZW06-28B Datasheet HTML 4Page - STMicroelectronics BZW06-28B Datasheet HTML 5Page - STMicroelectronics BZW06-28B Datasheet HTML 6Page - STMicroelectronics BZW06-28B Datasheet HTML 7Page - STMicroelectronics BZW06-28B Datasheet HTML 8Page - STMicroelectronics BZW06-28B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BZW06
Characteristics
DocID2972 Rev 4
3/9
Table 4: Electrical characteristics (Tamb = 25 °C)
Types (marking)
IRM at VRM(1)
VBR at IR(2)
VCL at IPP
VCL at IPP
αT(3)
C(4)
Max.
Min.
Max.
Max.
Max.
Typ.
Unidirectional
Bidirectional
µA
V
V
mA
10/1000 µs
8/20 µs
10-4/°C
pF
BZW06-5V8
BZW06-5V8B
20
5.8
6.45
10
10.5
57.0
13.4
298
5.7
4000
BZW06-6V4
BZW06-6V4B
10
6.4
7.13
10
11.3
53.0
14.5
276
6.1
3700
BZW06-8V5
BZW06-8V5B
1
8.5
9.5
1
14.5
41
18.6
215
7.3
2800
BZW06-10
BZW06-10B
0.2
10
11.4
1
16.7
36.0
21.7
184
7.8
2300
BZW06-13
BZW06-13B
0.2
13
14.3
1
21.2
28.0
27.2
147
8.4
1900
BZW06-15
BZW06-15B
0.2
15
17.1
1
25.2
24.0
32.5
123
8.8
1600
BZW06-19
BZW06-19B
0.2
19
20.9
1
30.6
19.6
39.3
102
9.2
1350
BZW06-20
BZW06-20B
0.2
20
22.8
1
33.2
18.0
42.8
93
9.4
1250
BZW06-23
BZW06-23B
0.2
23
25.7
1
37.5
16.0
48.3
83
9.6
1150
BZW06-26
BZW06-26B
0.2
26
28.5
1
41.5
14.5
53.5
75
9.7
1075
BZW06-28
BZW06-28B
0.2
28
31.4
1
45.7
13.1
59
68
9.8
1000
BZW06-31
BZW06-31B
0.2
31
34.2
1
49.9
12.0
64.3
62
9.9
950
BZW06-33
BZW06-33B
0.2
33
37.1
1
53.9
11.1
69.7
57
10.0
900
BZW06-37
BZW06-37B
0.2
36.8
40.9
1
59.3
10.1
76
53
10.1
850
BZW06-40
BZW06-40B
0.2
40
44.7
1
64.8
9.3
84
48
10.1
800
BZW06-48
BZW06-48B
0.2
48
53.2
1
77.0
7.8
100
40
10.3
700
BZW06-58
BZW06-58B
0.2
58
64.6
1
92.0
6.5
121
33
10.4
625
BZW06-70
BZW06-70B
0.2
70
77.9
1
113
5.3
146
27.0
10.5
550
BZW06-85
BZW06-85B
0.2
85
95.0
1
137
4.4
178
22.5
10.6
500
BZW06-102
BZW06-102B
0.2
102
114
1
165
3.6
212
19.0
10.7
450
BZW06-128
BZW06-128B
0.2
128
143
1
207
2.9
265
15.0
10.8
400
BZW06-154
BZW06-154B
0.2
154
171
1
246
2.4
317
12.6
10.8
360
BZW06-171
BZW06-171B
0.2
171
190
1
274
2.2
353
11.3
10.8
350
BZW06-188
BZW06-188B
0.2
188
209
1
328
1.85
388
10.3
10.8
330
BZW06-213
BZW06-213B
0.2
213
237
1
344
1.75
442
9.0
11.0
310
BZW06-256
BZW06-256B
0.2
256
285
1
414
1.45
529
7.6
11.0
290
BZW06-273
BZW06-273B
0.2
273
304
1
438
1.40
564
7.1
11.0
280
BZW06-299
BZW06-299B
0.2
299
332
1
482
1.25
618
6.5
11.0
271
BZW06-342
BZW06-342B
0.2
342
380
1
548
1.1
706
5.7
11.0
360
BZW06-376
BZW06-376B
0.2
376
418
1
603
1
776
5.7
11.0
350
Notes:
(1)For bidirectional types having VRM ≤ 10 V, IRM is multiplied by 2
(2)Pulse test : tp < 50 ms
(3)To calculate VBR or VCL versus junction temperature, use the following formulas:
VBR at Tj = VBR at 25 °C x (1 + αT x (Tj - 25))
or
VCL at Tj = VCL at 25 °C x (1 + αT x (Tj - 25))
(4)VR = 0 V, F = 1 MHz. For bidirectional types, capacitance value is divided by 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com