Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDALC6-4N4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC6-4N4
Description  ESD array with low capacitance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6-4N4 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC6-4N4 Datasheet HTML 1Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 2Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 3Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 4Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 5Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 6Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 7Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 8Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
September 2012
Doc ID 022191 Rev 2
1/11
11
ESDALC6-4N4
ESD array with low capacitance
Datasheet
production data
Features
Stand-off voltage 7 V
Very low capacitance: 9.5 pF
Small package: 1.0 x 0.8 mm
Very thin package: 0.40 mm max
Low leakage current: 70 nA at 25 °C
Benefits
High ESD protection level
High integration
suitable for high speed interface
Complies with the following standards
IEC 61000-4-2:
– 15 kV (air discharge)
– 8 kV (contact discharge)
MIL STD 883G- Method 3015-7: class3B:
– >25 kV (human body model)
Applications
Where transient overvoltage protection and
electrical overstress protection in sensitive
equipment is required, such as:
Communication systems
Cellular phone handsets and accessories
Video equipment
Portable equipment
Description
The ESDALC6-4N4 is monolithic array designed
to protect up to 4 lines against ESD transients. It
has been designed specifically for the protection
of the high speed interface of integrated circuits in
portable equipment and miniaturized electronics
devices. The µQFN-4L package minimizes PCB
space.
Figure 1.
Functional diagram (top view)
µQFN-4L
GND
I/O1
I/O2
I/O3
I/O4
www.st.com


Similar Part No. - ESDALC6-4N4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
Single line low capacitance TRANSIL??for ESD protection
11-Jan-2007
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
178Kb / 10P
Single line low capacitance Transil for ESD protection
01-Apr-2007
logo
Shanghai Leiditech Elec...
ESDALC6V1-1BM2 LEIDITECH-ESDALC6V1-1BM2 Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
TECH PUBLIC Electronics...
ESDALC6V1-1BM2 TECHPUBLIC-ESDALC6V1-1BM2 Datasheet
1Mb / 4P
I-Line Bi-directional TVS Diode
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2_08 Datasheet
178Kb / 10P
Single line low capacitance Transil for ESD protection
01-Apr-2007
More results

Similar Description - ESDALC6-4N4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
Low Capacitance ESD Protection Array
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Diotech Company.
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
FutureWafer Tech Co.,Lt...
SR70-5PF FUTUREWAFER-SR70-5PF Datasheet
720Kb / 5P
Low Capacitance ESD array
SR05 FUTUREWAFER-SR05 Datasheet
882Kb / 5P
Low Capacitance ESD array
SR05A FUTUREWAFER-SR05A Datasheet
862Kb / 5P
Low Capacitance ESD array
SR70 FUTUREWAFER-SR70 Datasheet
720Kb / 5P
Low Capacitance ESD array
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
Ultra Low Capacitance ESD Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com