Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMP60R360P Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MMP60R360P
Description  600V 0.36(ohm) N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMP60R360P Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MMP60R360P Datasheet HTML 1Page - MagnaChip Semiconductor. MMP60R360P Datasheet HTML 2Page - MagnaChip Semiconductor. MMP60R360P Datasheet HTML 3Page - MagnaChip Semiconductor. MMP60R360P Datasheet HTML 4Page - MagnaChip Semiconductor. MMP60R360P Datasheet HTML 5Page - MagnaChip Semiconductor. MMP60R360P Datasheet HTML 6Page - MagnaChip Semiconductor. MMP60R360P Datasheet HTML 7Page - MagnaChip Semiconductor. MMP60R360P Datasheet HTML 8Page - MagnaChip Semiconductor. MMP60R360P Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MMP60R360P Datasheet
Jun. 2013 Revision 1.1
MagnaChip Semiconductor Ltd.
1
Parameter
Value
Unit
VDS @ Tj,max
650
V
RDS(on),max
0.36
Ω
VTH,typ
3
V
ID
11
A
Qg,typ
28
nC
Order Code
Marking
Temp. Range
Package
Packing
RoHS Status
MMP60R360PTH
60R360P
-55 ~ 150℃
TO-220
Tube
Halogen Free
MMP60R360P
600V 0.36Ω N-channel MOSFET
 Description
MMP60R360P is power MOSFET using magnachip
’s advanced super junction technology that can
realize very low on-resistance and gate charge. It will provide much high efficiency by using
optimized charge coupling technology. These user friendly devices give an advantage of Low EMI to
designers as well as low switching loss.
 Features
 Low Power Loss by High Speed Switching and Low On-Resistance
 100% Avalanche Tested
 Green Package – Pb Free Plating, Halogen Free
 Key Parameters
 Ordering Information
 Applications
 PFC Power Supply Stages
 Switching Applications
 Adapter
 Motor Control
 DC – DC Converters
D
G
S
G
D
S
Package & Internal Circuit


Similar Part No. - MMP60R360P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMP60R360PTH ISC-MMP60R360PTH Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MMP60R360P

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMD60R360Q MGCHIP-MMD60R360Q Datasheet
1Mb / 10P
600V 0.36(ohm) N-channel MOSFET
MMD60R580PB MGCHIP-MMD60R580PB Datasheet
1Mb / 10P
600V 0.58(ohm) N-channel MOSFET
MMD60R750P MGCHIP-MMD60R750P Datasheet
1Mb / 10P
600V 0.75(ohm) N-channel MOSFET
MMD60R900P MGCHIP-MMD60R900P Datasheet
1Mb / 10P
600V 0.9(ohm) N-channel MOSFET
MMF60R360P MGCHIP-MMF60R360P Datasheet
1Mb / 10P
600V 0.36(ohm) N-channel MOSFET
MMF60R360Q MGCHIP-MMF60R360Q Datasheet
1Mb / 10P
600V 0.36(ohm) N-channel MOSFET
MMF60R580P MGCHIP-MMF60R580P Datasheet
1Mb / 10P
600V 0.58(ohm) N-channel MOSFET
MMQ60R070P MGCHIP-MMQ60R070P Datasheet
1Mb / 10P
600V 0.07(ohm) N-channel MOSFET
MMFT60R290P MGCHIP-MMFT60R290P Datasheet
1Mb / 10P
600V 0.29(ohm) N-channel MOSFET
MMFT60R290PC MGCHIP-MMFT60R290PC Datasheet
1Mb / 10P
600V 0.29(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com