Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDALCL5-1BM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALCL5-1BM2
Description  Single-line low capacitance and low leakage current ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL5-1BM2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALCL5-1BM2 Datasheet HTML 1Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 2Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 3Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 4Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 5Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 6Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 7Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 8Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
October 2012
Doc ID 023846 Rev 1
1/12
12
ESDALCL5-1BM2
Single-line low capacitance and low leakage current
ESD protection
Datasheet
− production data
Features
■ Single-line low capacitance Transil diode
■ Bidirectional ESD protection
■ Breakdown voltage VBR = 5.0 V min.
■ Low diode capacitance (26 pF typ at 0 V)
■ Low leakage current:
– 10 nA at 3 V
– 1 nA at 1 V
■ Very small PCB area: 0.6 mm²
■ ECOPACK®2 compliant components
Complies with the following standards:
■ IEC 61000-4-2 level 4 and higher
– 30 kV (air discharge)
– 30 kV (contact discharge)
■ MIL STD 883G - Method 3015-7: class 3
– Human body model
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Portable multimedia players and accessories
■ Portable healthcare equipment
■ Notebooks
■ Communication systems
■ Cellular phone handsets and accessories
Figure 1.
Functional diagram
Description
The ESDALCL5-1BM2 is a bidirectional single-
line TVS diode designed to protect data lines or
other I/O ports against ESD transients.
This device is ideal for applications where
reduced line capacitance and board space saving
are required. Its low leakage current makes it
suitable for portable equipment.
SOD882
ESDALC5-1BM2
I/O1
I/O2
www.st.com


Similar Part No. - ESDALCL5-1BM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALCL6-2SC6 STMICROELECTRONICS-ESDALCL6-2SC6 Datasheet
231Kb / 7P
Very low capacitance and low leakage current ESD protection
02-Apr-6100
ESDALCL6-4P6A STMICROELECTRONICS-ESDALCL6-4P6A Datasheet
212Kb / 7P
Multi-line low capacitance and low leakage current ESD protection
30-Oct-2012
More results

Similar Description - ESDALCL5-1BM2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1 Datasheet
534Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode
13-Jul-10
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1 Datasheet
146Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
16-Apr-08
VBUS051BD-HD1-GS08 VISHAY-VBUS051BD-HD1-GS08 Datasheet
141Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
23-May-12
logo
STMicroelectronics
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
Low clamping and low capacitance bidirectional single line ESD protection
03-Sep-2015
ESDALCL6-2SC6 STMICROELECTRONICS-ESDALCL6-2SC6 Datasheet
231Kb / 7P
Very low capacitance and low leakage current ESD protection
02-Apr-6100
ESDALCL6-4P6A STMICROELECTRONICS-ESDALCL6-4P6A Datasheet
212Kb / 7P
Multi-line low capacitance and low leakage current ESD protection
30-Oct-2012
ESDAULC5-1BF4 STMICROELECTRONICS-ESDAULC5-1BF4 Datasheet
580Kb / 12P
Low clamping and ultra low capacitance single line bidirectional ESD protection
03-Jun-2014
logo
Vishay Siliconix
VLIN1616-02G VISHAY-VLIN1616-02G Datasheet
113Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
19-Jul-17
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1_V01 Datasheet
154Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1_V01 Datasheet
117Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com