Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDALCL6-4P6A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALCL6-4P6A
Description  Multi-line low capacitance and low leakage current ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL6-4P6A Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALCL6-4P6A Datasheet HTML 1Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 2Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 3Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 4Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 5Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 6Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
October 2012
Doc ID 023869 Rev 1
1/7
7
ESDALCL6-4P6A
Multi-line low capacitance and low leakage current ESD protection
Datasheet
production data
Features
Diode array topology:
4 lines protection
Low leakage current:
– 10 nA at 3 V
– 1 nA at 1 V
Very low diode capacitance (2.5 pF max.)
5 V VCC protection
ECOPACK®2 compliant components
RoHS compliant
Complies with the following standards:
IEC 61000-4-2 level 4 and higher:
– 30 kV (air discharge)
– 15 kV (contact discharge)
MIL STD 883G - Method 3015-7: class 3B
– Human body model
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
Computer
Portable healthcare equipment
Printers
Communication systems
Cellular phone handsets and accessories
Video equipment
Figure 1.
Functional diagram
Description
The ESDALCL6-4P6A is an ESD protection array
designed to protect data lines or other I/O ports
against ESD transients.
This device is ideal for applications where
reduced line capacitance, board space saving
and low leakage currents are required. Its low
leakage current makes it suitable for portable
equipment where battery consumption is a key
factor and in analog front end where low leakage
currents are mandatory for measurements
precision.
SOT-666
ESDALCL6-4P6A
I/O4
I/O3
GND
VCC
I/O1
I/O2
www.st.com


Similar Part No. - ESDALCL6-4P6A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALCL6-2SC6 STMICROELECTRONICS-ESDALCL6-2SC6 Datasheet
231Kb / 7P
Very low capacitance and low leakage current ESD protection
02-Apr-6100
More results

Similar Description - ESDALCL6-4P6A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-VID01C2 STMICROELECTRONICS-EMIF06-VID01C2 Datasheet
160Kb / 7P
6 line low capacitance EMI filter and ESD protection
01-Jun-2006
EMIF08-VID01C2 STMICROELECTRONICS-EMIF08-VID01C2_06 Datasheet
230Kb / 6P
8 line low capacitance EMI filter and ESD protection
26-Oct-2006
EMIF08-VID01F2 STMICROELECTRONICS-EMIF08-VID01F2 Datasheet
494Kb / 6P
8 line low capacitance EMI filter and ESD protection
11-Aug-2005
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
Low clamping and low capacitance bidirectional single line ESD protection
03-Sep-2015
ESDALCL5-1BM2 STMICROELECTRONICS-ESDALCL5-1BM2 Datasheet
262Kb / 12P
Single-line low capacitance and low leakage current ESD protection
31-Oct-2012
ESDALCL6-2SC6 STMICROELECTRONICS-ESDALCL6-2SC6 Datasheet
231Kb / 7P
Very low capacitance and low leakage current ESD protection
02-Apr-6100
logo
TECH PUBLIC Electronics...
TPE05F6M8 TECHPUBLIC-TPE05F6M8 Datasheet
1Mb / 4P
Low Capacitance 6-Line ESD Protection
TPE05F6S8 TECHPUBLIC-TPE05F6S8 Datasheet
1Mb / 4P
Low Capacitance 6-Line ESD Protection
TPESD0502S6 TECHPUBLIC-TPESD0502S6 Datasheet
1Mb / 4P
Low Capacitance 2-Line ESD Protection
logo
Semtech Corporation
RCLAMP0594P SEMTECH-RCLAMP0594P Datasheet
604Kb / 8P
Low Capacitance RailClamp® Line Surge and ESD Protection
Rev 2.2 11/30/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com