Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1016 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1016
Description  80MA TINY CMOS LDO WITH SHUTDOWN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1016 Datasheet(HTML) 3 Page - Microchip Technology

  TC1016 Datasheet HTML 1Page - Microchip Technology TC1016 Datasheet HTML 2Page - Microchip Technology TC1016 Datasheet HTML 3Page - Microchip Technology TC1016 Datasheet HTML 4Page - Microchip Technology TC1016 Datasheet HTML 5Page - Microchip Technology TC1016 Datasheet HTML 6Page - Microchip Technology TC1016 Datasheet HTML 7Page - Microchip Technology TC1016 Datasheet HTML 8Page - Microchip Technology TC1016 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6$SDJH 
%

'(7$,/(' '(6&5,37,21
7KH 7& LV D SUH.LVLRQ IL[HG RXWSXW OLQHDU YROWDJH
UHJXODWRU 7KH LQWHUQDO OLQHDU SDVV HOHPHQW LV D 3&KDQ
QHO 026)(7 $V ZLWK DOO 3&KDQQHO &026 /'2V WKHUH
LV D ERG\ GUDLQ GLRGH ZLWK WKH .DWKRGH .RQQH.WHG WR 9LQ
DQG WKHDQRGH .RQQH.WHG WR 9287 )LJXUH  
$VVKRZQ LQ )LJXUH  WKHRXWSXWYROWDJH RIWKH/'2
LV VHQVHG DQGGLYLGHGGRZQLQWHUQDOO\ WRUHGX.H H[WHU
QDO .RPSRQHQW .RXQW 7KH LQWHUQDO HUURU DPSOLILHU KDV D
IL[HG EDQGJDSUHIHUHQ.HRQ WKHLQYHUWLQJLQSXW DQG WKH
VHQVHG RXWSXW YROWDJH RQ WKH QRQLQYHUWLQJ LQSXW 7KH
HUURU DPSOLILHU RXWSXW ZLOO SXOO WKH JDWH YROWDJH GRZQ
XQWLO WKHLQSXWVRIWKHHUURUDPSOLILHU DUHHTXDO WRUHJX
ODWH WKHRXWSXW YROWDJH
%\VHQVLQJWKH .XUUHQW LQWKH 3&KDQQHO 026)(7 WKH
PD[LPXP .XUUHQW GHOLYHUHG WR WKH ORDG LV OLPLWHG WR D
W\SL.DO YDOXH RI  P$ SUHYHQWLQJ H[.HVVLYH .XUUHQW
IURPGDPDJLQJ WKHSULQWHG .LU.XLWERDUG LQ WKHHYHQW RI
D VKRUWHG RU IDXOWHG ORDG
$Q LQWHUQDO WKHUPDO VHQVLQJ GHYL.H LV XVHG WR PRQLWRU
WKH MXQ.WLRQ WHPSHUDWXUH RI WKH /'2 :KHQ WKH VHQVHG
WHPSHUDWXUHLV RYHUWKHVHW WKUHVKROG RIƒ& W\SL.DO
WKH 3&KDQQHO 026)(7 LV WXUQHG RII :KHQ WKH 3
&KDQQHO LV RII WKH SRZHU GLVVLSDWLRQ LQWHUQDO WR WKH
GHYL.H LV DOPRVW ]HUR 7KH GHYL.H .RROV XQWLO WKH MXQ.
WLRQ WHPSHUDWXUH LV DSSUR[LPDWHO\ ƒ& DQG WKH 3
&KDQQHO LV WXUQHG RQ ,I WKH LQWHUQDO SRZHU GLVVLSDWLRQ
LV VWLOO KLJK HQRXJK IRU WKH MXQ.WLRQ WR ULVH WR ƒ& LW ZLOO
DJDLQVKXW RII DQG .RRO7KHPD[LPXP RSHUDWLQJ MXQ.
WLRQ WHPSHUDWXUH RI WKH GHYL.H LV ƒ& 6WHDG\ VWDWH
RSHUDWLRQ DW RUQHDU WKHƒ&RYHU WHPSHUDWXUHSRLQW
.DQ OHDG WR SHUPDQHQW GDPDJH RI WKH GHYL.H
7KH RXWSXW YROWDJH 9287 UHPDLQV VWDEOH RYHU WKH HQWLUH
LQSXW RSHUDWLQJ YROWDJH UDQJH 9 WR 9 DQG WKH
HQWLUHORDGUDQJH  P$ WR P$ 7KH RXWSXWYROWDJH
LV VHQVHG WKURXJK DQ LQWHUQDO UHVLVWRU GLYLGHU DQG .RP
SDUHGZLWK DSUH.LVLRQLQWHUQDOYROWDJH UHIHUHQ.H 6HY
HUDO IL[HG RXWSXW YROWDJHV DUH DYDLODEOH E\ .KDQJLQJ WKH
YDOXH RI WKH LQWHUQDO UHVLVWRU GLYLGHU
)LJXUH VKRZV DW\SL.DO DSSOL.DWLRQ.LU.XLW 7KHUHJ
XODWRU LV HQDEOHGDQ\WLPHWKHVKXWGRZQLQSXW SLQ LVDW
RU DERYH 9,+ DQG VKXWGRZQ GLVDEOHG DQ\ WLPH WKH
VKXWGRZQ LQSXW SLQ LV EHORZ 9,/ )RU DSSOL.DWLRQV ZKHUH
WKH 6+'1 IHDWXUH LV QRW XVHG WLH WKH 6+'1 SLQ GLUH.WO\
WRWKHLQSXW VXSSO\YROWDJHVRXU.H :KLOHLQ VKXWGRZQ
WKH VXSSO\ .XUUHQW GH.UHDVHV WR  —$ W\SL.DO DQG
WKH 3&KDQQHO 026)(7LV WXUQHG RII
$VVKRZQ LQ )LJXUH  EDWWHULHVKDYHLQWHUQDO VRXU.H
LPSHGDQ.H $Q LQSXW .DSD.LWRU LQ XVHG WR ORZHU WKH
LQSXW LPSHGDQ.H RI WKH /'2 ,Q VRPH DSSOL.DWLRQV KLJK
LQSXW LPSHGDQ.H .DQ .DXVH WKH /'2 WR EH.RPH XQVWD
EOH $GGLQJ PRUH LQSXW .DSD.LWDQ.H .DQ .RPSHQVDWH
IRU WKLV
),*85(  7& %OR.N 'LDJUDP
),*85(  7\SL.DO $SSOL.DWLRQ&LU.XLW
($
9287
95()
6+'1
9,1


5
5



6+'1
*1'
9,1
1&
&XUUHQW /LPLW
2YHU
(UURU $PS
)HHGED.N 5HVLVWRUV
&RQWURO
7HPS
%RG\
'LRGH
9287





6+'1
*1'
9,1
1&
56285&(
&,1
—) &HUDPL.
&287
—) &HUDPL.
%
/RDG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com