Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCSA1-S Datasheet(PDF) 1 Page - CUI INC

Part # PCSA1-S
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCSA1-S Datasheet(HTML) 1 Page - CUI INC

  PCSA1-S Datasheet HTML 1Page - CUI INC PCSA1-S Datasheet HTML 2Page - CUI INC PCSA1-S Datasheet HTML 3Page - CUI INC PCSA1-S Datasheet HTML 4Page - CUI INC PCSA1-S Datasheet HTML 5Page - CUI INC PCSA1-S Datasheet HTML 6Page - CUI INC PCSA1-S Datasheet HTML 7Page - CUI INC PCSA1-S Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date 07/26/2016
page 1 of 8
SERIES: PCSA1-S
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 1 W isolated output
• industry standard SIP package
• nominal input voltages: 5, 12, 24 Vdc
• single unregulated output
• 1,000 Vdc isolation voltage
• low ripple and noise
• -40 to 100°C
• efficiency up to 82%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PCSA1-S5-S5-S
5
4.5~5.5
5
0
200
1
100
79
PCSA1-S5-S12-S
5
4.5~5.5
12
0
84
1
100
79
PCSA1-S5-S15-S
5
4.5~5.5
15
0
67
1
100
80
PCSA1-S12-S5-S
12
10.8~13.2
5
0
200
1
100
81
PCSA1-S12-S12-S
12
10.8~13.2
12
0
84
1
100
81
PCSA1-S12-S15-S
12
10.8~13.2
15
0
67
1
100
82
PCSA1-S24-S5-S
24
21.6~26.4
5
0
200
1
100
80
PCSA1-S24-S12-S
24
21.6~26.4
12
0
84
1
100
80
PCSA1-S24-S15-S
24
21.6~26.4
15
0
67
1
100
81
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, with a 0.33 µF ceramic capacitor on the output.
2. Required to add a 2.2 µF (5 & 12 Vdc input models) or 4.7 µF (24 Vdc input models) ceramic capacitor to the input to reduce input voltage stress.
3. All specifications are measured at Ta=25°C, nominal input voltage, and rated output load unless otherwise specified.
PART NUMBER KEY
Base Number
PCSA1 - SXX - SXX - S
Input Voltage
Output Voltage
Packaging Style:
S = SIP
For more information, please visit the product page.


Similar Part No. - PCSA1-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCSA1-S CUI-PCSA1-S Datasheet
2Mb / 8P
DC-DC CONVERTER
06/29/2021
PCSA1-S12-S12-S CUI-PCSA1-S12-S12-S Datasheet
816Kb / 8P
DC-DC CONVERTER
PCSA1-S12-S12-S CUI-PCSA1-S12-S12-S Datasheet
2Mb / 8P
DC-DC CONVERTER
06/29/2021
PCSA1-S12-S15-S CUI-PCSA1-S12-S15-S Datasheet
816Kb / 8P
DC-DC CONVERTER
PCSA1-S12-S15-S CUI-PCSA1-S12-S15-S Datasheet
2Mb / 8P
DC-DC CONVERTER
06/29/2021
More results

Similar Description - PCSA1-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com