Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Q48SC12050 Datasheet(PDF) 21 Page - Delta Electronics, Inc.

Part # Q48SC12050
Description  600W DC/DC Power Modules
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SC12050 Datasheet(HTML) 21 Page - Delta Electronics, Inc.

Back Button Q48SC12050 Datasheet HTML 17Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 18Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 19Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 20Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 21Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 22Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 23Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 24Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 25Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DS_Q48SC12050_03312017
E-mail:
dcdc@deltaww.com
http://www.deltaww.com/dcdc
P21
VIN_OV_FAULT_RESPONSE [0x56]
Bit number
Purpose
Bit Value
Meaning
Default
Settings,0xF8
7:6
Response settings
11
Unit shuts down and responds according to the
retry settings
11
5:3
Retry setting
111
Unit continuously restarts while fault is present
until commanded off
111
000
Unit does not attempt to restart on fault
2:0
Delay time setting
000
No delay supported
000
STATUS_WORD [0x79]
High byte
Bit number
Purpose
Bit Value
Meaning
7
An output over voltage fault or warning
1
Occurred
0
No Occurred
6
An output over current fault or warning
1
Occurred
0
No Occurred
5
An input voltage fault, including over voltage and
undervoltage
1
Occurred
0
No Occurred
4
Reserved
3
Power_Good
1
is negated
0
ok
2:0
Reserved
Low byte
Bit number
Purpose
Bit Value
Meaning
7
Reserved
6
OFF (The unit is not providing power to the output,
regardless of the reason)
1
Occurred
0
No Occurred
5
An output over voltage fault
1
Occurred
0
No Occurred
4
An output over current fault
1
Occurred
0
No Occurred
3
An input under voltage fault
1
Occurred
0
No Occurred
2
A temperature fault or warning
1
Occurred
0
No Occurred
1
CML (A communications, memory or logic fault)
1
Occurred;
0
No Occurred
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com