Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X76F100PI-3.0 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X76F100PI-3.0
Description  1K 128 x 8 Bit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F100PI-3.0 Datasheet(HTML) 2 Page - Xicor Inc.

  X76F100PI-3.0 Datasheet HTML 1Page - Xicor Inc. X76F100PI-3.0 Datasheet HTML 2Page - Xicor Inc. X76F100PI-3.0 Datasheet HTML 3Page - Xicor Inc. X76F100PI-3.0 Datasheet HTML 4Page - Xicor Inc. X76F100PI-3.0 Datasheet HTML 5Page - Xicor Inc. X76F100PI-3.0 Datasheet HTML 6Page - Xicor Inc. X76F100PI-3.0 Datasheet HTML 7Page - Xicor Inc. X76F100PI-3.0 Datasheet HTML 8Page - Xicor Inc. X76F100PI-3.0 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
X76F100
Characteristics subject to change without notice.
2 of 16
REV 1.0 6/22/00
www.xicor.com
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of
the device.
Serial Data (SDA)
SDA is an open drain serial data input/output pin. Dur-
ing a read cycle, data is shifted out on this pin. During
a write cycle, data is shifted in on this pin. In all other
cases, this pin is in a high impedance state.
Chip Select (CS)
When CS is high, the X76F100 is deselected and the
SDA pin is at high impedance and unless an internal
write operation is underway, the X76F100 will be in
standby mode. CS low enables the X76F100, placing it
in the active mode.
Reset (RST)
RST is a device reset pin. When RST is pulsed high
while CS is low the X76F100 will output 32 bits of fixed
data which conforms to the standard for “synchronous
response to reset”. CS must remain LOW and the part
must not be in a write cycle for the response to reset to
occur. See Figure 7. If at any time during the response
to reset CS goes HIGH, the response to reset will be
aborted and the part will return to the standby state.
The response to reset is “mask programmable” only!
DEVICE OPERATION
The X76F100 memory array consists of fourteen
8-byte sectors. Read or write access to the array
always begins at the first address of the sector. Read
operations then can continue indefinitely. Write opera-
tions must total 8-bytes.
There are two primary modes of operation for the
X76F100; Protected READ and protected WRITE. Pro-
tected operations must be performed with one of two 8-
byte passwords.
The basic method of communication for the device is
established by first enabling the device (CS LOW),
generating a start condition, then transmitting a com-
mand, followed by the correct password. All parts will
be shipped from the factory with all passwords equal to
‘0’. The user must perform ACK Polling to determine
the validity of the password, before starting a data
transfer (see Acknowledge Polling.) Only after the cor-
rect password is accepted and a ACK polling has been
performed, can the data transfer occur.
To ensure the correct communication, RST must
remain LOW under all conditions except when running
a “Response to Reset sequence”.
Data is transferred in 8-bit segments, with each trans-
fer being followed by an ACK, generated by the receiv-
ing device.
If the X76F100 is in a nonvolatile write cycle a “no
ACK” (SDA=High) response will be issued in response
to loading of the command byte. If a stop is issued prior
to the nonvolatile write cycle the write operation will be
terminated and the part will reset and enter into a
standby mode.
The basic sequence is illustrated in Figure 1.
PIN NAMES
PIN CONFIGURATION
Symbol
Description
CS
Chip Select Input
SDA
Serial Data Input/Output
SCL
Serial Clock Input
RST
Reset Input
VCC
Supply Voltage
VSS
Ground
NC
No Connect
CS
SDA
VCC
RST
SCL
NC
1
2
3
4
7
8
6
5
VCC
RST
SCL
VSS
NC
SDA
Smart Card
CS
NC
NC
GND
CS
SDA
VCC
RST
SCL
NC
1
2
3
4
7
8
6
5
VSS
NC
NC
RST
SCL
SDA
VSS
1
2
3
4
7
8
6
5
VCC
CS
NC
PDIP
SOIC
MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com