Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAS9171AS-T Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9171AS-T
Description  Parallel In, Parallel Out
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9171AS-T Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9171AS-T Datasheet HTML 1Page - Micro Analog systems MAS9171AS-T Datasheet HTML 2Page - Micro Analog systems MAS9171AS-T Datasheet HTML 3Page - Micro Analog systems MAS9171AS-T Datasheet HTML 4Page - Micro Analog systems MAS9171AS-T Datasheet HTML 5Page - Micro Analog systems MAS9171AS-T Datasheet HTML 6Page - Micro Analog systems MAS9171AS-T Datasheet HTML 7Page - Micro Analog systems MAS9171AS-T Datasheet HTML 8Page - Micro Analog systems MAS9171AS-T Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
DA9171A.000
July 31, 1997
MAS9171A
OCTAL PORT PROTECTON
• Parallel In, Parallel Out
• High Voltage Inputs
• Automotive
DESCRIPTION
The MAS9171A is an eight channel protection
circuit for microprocessors in automotive
applications. All inputs are protected against energy
rich pulses according to DIN40839/ISO7637.
Internal analog filters and suitable input threshold
voltages provide the functionality within a noise
spectrum of 150 kHz up to 1 GHz without need of
external filter components. The MAS9171A is
optimized for low current consumption.
FEATURES
APPLICATION
•
8 digital channels
•
Supply voltage 3.3 V/5 V
•
Low supply current
•
High voltage inputs
•
Internal analog filter
•
-40
°C to +125°C
•
SO-18 package
• Replacement of protection circuitry in car
electronics and industrial bus systems
BLOCK DIAGRAM
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
VDD
GND
PROTECT
FILTER
COMP


Similar Part No. - MAS9171AS-T

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9178 MAS-MAS9178 Datasheet
139Kb / 8P
AM Receiver IC
MAS9178A1TB00.01 MAS-MAS9178A1TB00.01 Datasheet
139Kb / 8P
AM Receiver IC
MAS9178A1TC00.01 MAS-MAS9178A1TC00.01 Datasheet
139Kb / 8P
AM Receiver IC
MAS9178A5TB00.01 MAS-MAS9178A5TB00.01 Datasheet
139Kb / 8P
AM Receiver IC
MAS9178A5TC00.01 MAS-MAS9178A5TC00.01 Datasheet
139Kb / 8P
AM Receiver IC
More results

Similar Description - MAS9171AS-T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14035B MOTOROLA-MC14035B Datasheet
224Kb / 6P
4-Bit Parallel-In/Parallel-Out Shift Register
logo
STMicroelectronics
HCC4035B STMICROELECTRONICS-HCC4035B Datasheet
296Kb / 14P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Jul-1989
logo
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
National Semiconductor ...
CD4035BM NSC-CD4035BM Datasheet
139Kb / 6P
4-Bit Parallel-In/Parallel-Out Shift Register
logo
Micro Electronics
MMC4035 MICRO-ELECTRONICS-MMC4035 Datasheet
173Kb / 6P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Intersil Corporation
CD4035BMS INTERSIL-CD4035BMS Datasheet
118Kb / 10P
CMOS 4 -Stage Parallel In/Parallel Out Shift Register
logo
STMicroelectronics
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
logo
Texas Instruments
CD4035BF3A TI-CD4035BF3A Datasheet
893Kb / 17P
Parallel In/Parallel Out Shift Refister
logo
Rohm
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
Serial in/Parallel out Drivers
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com