Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IR1166SPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR1166SPBF
Description  SMARTRECTIFIER CONTROL IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1166SPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR1166SPBF Datasheet HTML 7Page - International Rectifier IR1166SPBF Datasheet HTML 8Page - International Rectifier IR1166SPBF Datasheet HTML 9Page - International Rectifier IR1166SPBF Datasheet HTML 10Page - International Rectifier IR1166SPBF Datasheet HTML 11Page - International Rectifier IR1166SPBF Datasheet HTML 12Page - International Rectifier IR1166SPBF Datasheet HTML 13Page - International Rectifier IR1166SPBF Datasheet HTML 14Page - International Rectifier IR1166SPBF Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.irf.com
13
IR1166S
Fig 13. Max. VCC Voltage vs. Synchronous Rectifier
Switching Freq, TJ=125°C, TIC = 85°C, external RG=4W,
1
Ω HEXFETGateResistanceincluded
Fig 14. Max VCC Voltage vs. Synchronous Rectifier
Switching Freq, TJ=125°C, TIC = 85°C, external RG=6W,
1
Ω HEXFETGateResistanceincluded
Figures 11-14 shows the maximum allowable VCC voltage vs. maximum switching frequency for
different loads which are calculated using the design methodology discussed in AN1087.
50
100 150 200 250 300 350 400 450 500
Max. Synchronous HEXFET Switching Frequency (kHz)
11
12
13
14
15
16
17
18
19
20
Csync = 2nF
Csync = 5nF
Csync = 8nF
Csync = 15nF
Csync = 20nF
50
100 150 200 250 300 350 400 450 500
Maximum Synchronous HEXFET Switching Frequency (kHz)
11
12
13
14
15
16
17
18
19
20
Csync = 2nF
Csync = 5nF
Csync = 8nF
Csync = 15nF
Csync = 20nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com