Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z0410XF Datasheet(PDF) 1 Page - STMicroelectronics

Part # Z0410XF
Description  These parts are intended for general purpose
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0410XF Datasheet(HTML) 1 Page - STMicroelectronics

  Z0410XF Datasheet HTML 1Page - STMicroelectronics Z0410XF Datasheet HTML 2Page - STMicroelectronics Z0410XF Datasheet HTML 3Page - STMicroelectronics Z0410XF Datasheet HTML 4Page - STMicroelectronics Z0410XF Datasheet HTML 5Page - STMicroelectronics Z0410XF Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Z0410xE/F
®
January 1995
STANDARD TRIACS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(360
° conduction angle)
Z0410xE/F
Tc= 75
°C4
A
Z0410xF
Ta= 25
°C
0.95
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25
°C)
tp = 8.3 ms
22
A
tp = 10 ms
20
I
2tI2t Value for fusing
tp = 10 ms
2
A
2s
dI/dt
Critical rate of rise of on-state current
IG =50 mA
diG /dt = 0.1 A/
µs.
Repetitive
F = 50 Hz
10
A/
µs
Non
Repetitive
50
Tstg
Tj
Storage and operating junction temperature range
- 40, + 150
- 40, + 125
°C
Tl
Maximum lead temperature for soldering during 10s at
4.5mm from case
260
°C
ABSOLUTE RATINGS (limiting values)
IT(RMS) =4A
VDRM = 400V to 800V
IGT
≤ 25mA
FEATURES
Symbol
Parameter
Voltage
Unit
DM
S
N
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
400
600
700
800
V
The Z0410xE/F series of triacs uses a high
performance TOP GLASS PNPN technology.
These parts are intended for general purpose
switching and phase control applications.
DESCRIPTION
A1
G
A2
TO202-1
(Plastic)
Z0410xE
A1
G
A2
TO202-2
(Plastic)
Z0410xF
1/6


Similar Part No. - Z0410XF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
STANDARD TRIACS
Jan-1995
Z0410DE STMICROELECTRONICS-Z0410DE Datasheet
78Kb / 6P
STANDARD TRIACS
Jan-1995
Z0410DF STMICROELECTRONICS-Z0410DF Datasheet
78Kb / 6P
STANDARD TRIACS
Jan-1995
Z0410DF1AA2 STMICROELECTRONICS-Z0410DF1AA2 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
Z0410E STMICROELECTRONICS-Z0410E Datasheet
78Kb / 6P
STANDARD TRIACS
Jan-1995
More results

Similar Description - Z0410XF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ150X1LG91 SHARP-LQ150X1LG91 Datasheet
387Kb / 27P
These parts have corresponded with the ROHS
logo
Roithner LaserTechnik G...
385D30 ROITHNER-385D30 Datasheet
155Kb / 1P
these products are sensitive
logo
Lowpower Semiconductor ...
LPM3400 POWER-LPM3400 Datasheet
283Kb / 7P
These devices are particularly suitable for low voltage
logo
Bel Fuse Inc.
ABC450-1T05G BEL-ABC450-1T05G Datasheet
1Mb / 9P
These power supplies are ideal for telecom
logo
Illinois Capacitor, Inc...
105QPC450KA3 ILLINOISCAPACITOR-105QPC450KA3 Datasheet
181Kb / 1P
Parts are RoHs compliant
105QPC450KB5 ILLINOISCAPACITOR-105QPC450KB5 Datasheet
152Kb / 1P
Parts are RoHs compliant
logo
Sharp Corporation
LQ156M3LW01 SHARP-LQ156M3LW01 Datasheet
1Mb / 30P
These parts are complied with the RoHS directive
logo
TDK Electronics
MPU-6000 TDK-MPU-6000 Datasheet
905Kb / 46P
IMUs - Inertial Measurement Units 6-Axis MEMS MotionTracking Device with DMP (MPU-6050/-6000)
Revision 4.2
logo
Guangdong Youtai Semico...
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
These are Pb−Free Devices
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
These are Pb−Free Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com