Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F010B70PC Datasheet(PDF) 24 Page - SPANSION

Part # AM29F010B70PC
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F010B70PC Datasheet(HTML) 24 Page - SPANSION

Back Button AM29F010B70PC Datasheet HTML 20Page - SPANSION AM29F010B70PC Datasheet HTML 21Page - SPANSION AM29F010B70PC Datasheet HTML 22Page - SPANSION AM29F010B70PC Datasheet HTML 23Page - SPANSION AM29F010B70PC Datasheet HTML 24Page - SPANSION AM29F010B70PC Datasheet HTML 25Page - SPANSION AM29F010B70PC Datasheet HTML 26Page - SPANSION AM29F010B70PC Datasheet HTML 27Page - SPANSION AM29F010B70PC Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
November 18, 2002
Am29F010B
23
AC CHARACTERISTICS
Read-only Operations Characteristics
Notes:
1. Not 100% tested.
2. See Figure 7 and Table 6 for test specifications.
Parameter
Symbol
Parameter Description
Test Setup
Speed Options
Unit
JEDEC
Std
-45
-55
-70
-90
-120
tAVAV
tRC
Read Cycle Time (Note 1)
Min
45
55
70
90
120
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
455570
90
120
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
455570
90
120
ns
tGLQV
tOE
Output Enable to Output Delay
Max
25
30
30
35
50
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Note 1)
Max
101520
20
30
ns
tGHQZ
tDF
Output Enable to Output High Z
(Note 1)
Max
101520
20
30
ns
tOEH
Output Enable Hold Time
(Note 1)
Read
Min
0
ns
Toggle and Data
Polling
Min
10
ns
tAXQX
tOH
Output Hold Time From
Addresses CE# or OE#,
Whichever Occurs First
Min
0
ns
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
tDF
tOH
Figure 8.
Read Operations Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com