Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D12S1R830 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # D12S1R830
Description  No minimum load required
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S1R830 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  D12S1R830 Datasheet HTML 1Page - Delta Electronics, Inc. D12S1R830 Datasheet HTML 2Page - Delta Electronics, Inc. D12S1R830 Datasheet HTML 3Page - Delta Electronics, Inc. D12S1R830 Datasheet HTML 4Page - Delta Electronics, Inc. D12S1R830 Datasheet HTML 5Page - Delta Electronics, Inc. D12S1R830 Datasheet HTML 6Page - Delta Electronics, Inc. D12S1R830 Datasheet HTML 7Page - Delta Electronics, Inc. D12S1R830 Datasheet HTML 8Page - Delta Electronics, Inc. D12S1R830 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
TECHNICAL SPECIFICATIONS
TA = 25°C, airflow rate = 200 LFM, Vin = 7~13.2Vdc, nominal Vout unless otherwise noted.
PARAMETER
NOTES and CONDITIONS
D12S1R830
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
0
15
Vdc
Operating Temperature
Refer to Fig.15 for the measuring point
0
113
°C
Storage Temperature
-40
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
7.0
11.0
13.2
V
Maximum Input Current
Vin=7V, Vout=1.8V, Iout=30A
8.7
A
PWM
Pin 3
4.5
5.0
5.5
V
Gate Voltage
Pin 5 (reference to ground)
6.7
7.0
7.5
Vdc
OUTPUT CHARACTERISTICS
Output Voltage Adjustable Range
Vin=11.0V
0.8
1.8
V
Total Output Voltage Regulation
Total Regulation over load, line and temperature
-1
+1
%V
Output Voltage Ripple and Noise
3x 560
μF OSCON and 320μF ceramic capacitor,
BW=20MHz
15
mVpp
Output Voltage Overshoot
@ turn on
0
0.5
%V
Output Current Range
0
30
A
Transient Response
Vin = 11.0V;Iout Step:0~30A;Slew/Rate: 10A/uS
Cout:2000uF
200
mVpp
Inductor Value
375
nH
Inductor DCR
0.54
m
Ω
Inductor Peak Current
Inductor temperature of 125°C
40
A
Temperature sense
25°C, 495µA bias current
1.345
1.35
1.355
V
EFFICIENCY
Vin=7V, Vo=1.0V, Io=30A
87.9
%
Vin=11.0V, Vo=1.0V, Io=30A
88.0
%
Vin=13.2V, Vo=1.0V, Io=30A
87.8
%
Vin=7.0V, Vo=1.8V, Io=30A
90.9
%
Vin=11.0V, Vo=1.8V, Io=30A
91.5
%
Vin=13.2V, Vo=1.8V, Io=30A
91.4
%
FEATURE CHARACTERISTICS
Operating Frequency
400
kHz
GENERAL SPECIFICATIONS
MTBF
Vo=1.8V,Io=30A, Ta=25℃,100LFM
22.49
M hours
Weight
6.4
grams
Block diagram of D12S1R830D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com