Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS1206GKX7RDBB103 Datasheet(PDF) 12 Page - YAGEO Corporation

Part # CS1206GKX7RDBB103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1206GKX7RDBB103 Datasheet(HTML) 12 Page - YAGEO Corporation

Back Button CS1206GKX7RDBB103 Datasheet HTML 8Page - YAGEO Corporation CS1206GKX7RDBB103 Datasheet HTML 9Page - YAGEO Corporation CS1206GKX7RDBB103 Datasheet HTML 10Page - YAGEO Corporation CS1206GKX7RDBB103 Datasheet HTML 11Page - YAGEO Corporation CS1206GKX7RDBB103 Datasheet HTML 12Page - YAGEO Corporation CS1206GKX7RDBB103 Datasheet HTML 13Page - YAGEO Corporation CS1206GKX7RDBB103 Datasheet HTML 14Page - YAGEO Corporation CS1206GKX7RDBB103 Datasheet HTML 15Page - YAGEO Corporation CS1206GKX7RDBB103 Datasheet HTML 16Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
Table 10
THICKNESS CLASSES AND PACKING QUANTITY
SIZE
CODE
THICKNESS
CLASSIFICATION
TAPE WIDTH
QUANTITY PER REEL
Ø 180 MM / 7 INCH
Ø 180 MM /
13 INCH
PAPER
BLISTER
PAPER
BLISTER
0402
0.50+/-0.15
8mm
10,000
--
50,000
--
0603
0.80+/-0.15
8mm
4,000
--
15,000
--
0805
0.60+/-0.15
8mm
4,000
--
20,000
--
0.85+/-0.15
8mm
4,000
--
15,000
--
1.25+/-0.20
8mm
--
3,000
--
10,000
1206
0.60+/-0.15
8mm
4,000
--
20,000
--
0.85+/-0.15
8mm
4,000
--
15,000
--
1.15+/-0.20
8mm
--
3,000
--
10,000
1.25+/-0.20
8mm
--
3,000
--
10,000
1.60+/-0.20
8mm
--
2,000
--
8,000
1.60+/-0.30
8mm
--
2,000
--
8,000
1210
0.85+/-0.20
8mm
--
4,000
--
10,000
1.15+/-0.30
8mm
--
3,000
--
10,000
1.25+/-0.20
8mm
--
3,000
--
10,000
1.25+/-0.30
8mm
--
3,000
--
10,000
1.60+/-0.30
8mm
--
2,000
--
5,000
2.00+/-0.30
8mm
--
2,000
--
--
1808
1.25+/-0.20
12mm
--
2,000
--
--
1.35+/-0.40
12mm
--
2,000
--
--
1.60+/-0.20
12mm
--
2,000
--
--
1.60+/-0.40
12mm
--
2,000
--
--
2.00+/-0.40
12mm
--
2,000
--
--
1812
0.85+/-0.30
12mm
--
2,000
--
--
1.15+/-0.40
12mm
--
1,000
--
--
1.25+/-0.20
12mm
--
1,000
--
--
1.25+/-0.40
12mm
--
1,000
--
--
1.35+/-0.40
12mm
--
1,000
--
--
1.60+/-0.40
12mm
--
1,000
--
--
ELECTRICAL CHARACTERISTICS
X
X77R
R D
DIIE
EL
LE
EC
CT
TR
RIIC
C C
CA
AP
PA
AC
CIIT
TO
OR
RS
S;; N
NIIS
SN
N T
TE
ER
RM
MIIN
NA
AT
TIIO
ON
NS
S
Unless otherwise specified, all test and measurements shall be made under standard atmospheric conditions
for testing as given in 5.3 of IEC 60068-1:
-
Temperature: 15 °C to 35 °C
-
Relative humidity: 25% to 75%
-
Air pressure: 86 kPa to 106 kPa
Before the measurements are made, the capacitor shall be stored at the measuring temperature for a time
sufficient to allow the entire capacitor to reach this temperature.
The period as prescribed for recovery at the end of a test is normally sufficient for this purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com