Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B432AM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B432AM
Description  1.25V Adjustable Shunt Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B432AM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B432AM Datasheet HTML 1Page - List of Unclassifed Manufacturers B432AM Datasheet HTML 2Page - List of Unclassifed Manufacturers B432AM Datasheet HTML 3Page - List of Unclassifed Manufacturers B432AM Datasheet HTML 4Page - List of Unclassifed Manufacturers B432AM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B432
Absolute Maximum Rating
Recommended Operating Conditions
Min
Max Symbol
Cathode Voltage, Vz
VREF
15
V
Cathode Current, Iz
1.0
100
mA
Electrical Characteristics
Unless specified: T٨ = 25°C. Values in bold apply over full operating ambient temperature.
B432 0.5
%
Parameter
Symbol
Condition
Min
Typ
Max
Units
1.243
1.257
Reference Voltage
VREF
VZ = VREF1 IZ = 10mA
(1)
1.250
V
VREF Temp Deviation
VDEV
VZ = VREF1 IZ = 10mA
(1)
2
16
mV
Ratio of Change in
VREF To Change in VZ
Δ VREF
ΔVZ
IZ = 10mA,ΔVZ = 15V to VRef
-1.5
-2.7
mV/V
Reference Input
Current
IREF
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
3
6
µA
IREF Temperature
Deviation
IREF(DEV)
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
0.3
0.6
µA
Off-State Cathode
Current
IZ (OFF)
VREF = 0V, VZ =15V
(3)
0.05
500
nA
Min Operating
Current
IZ(MIN)
VZ = VREF
(1)
0.6
1
mA
Parameter
Symbol
Maximum
Units
Cathode Voltage
Vz
18
V
Continuous Cathode Current
Iz
100
mA
Power Dissipation at TA - 25°C
SOT-23-3
S0-8
TO-92
PD
200
750
775
mW
Thermal Resistance
SOT-23-3
S0-8
TO-92
OJA
575
175
160
°C/W
Operating Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature (Soldering) 10 seconds
TLEAD
300
°C
ESD Rating (Human Body Model)
TESD
2
kV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com