Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS300D7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS300D7
Description  Shunt Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS300D7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS300D7 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS300D7 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS300D7 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS300D7 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS300D7 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS300D7 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ASTEC Semiconductor
AS300
Shunt Temperature Sensor
Typical Thermal Resistances
Package
θ
JA
θ
JC
Typical Derating
TO-92
160¡C/W
80¡C/W
6.3 mW/¡C
SOT-223
115¡C/W
8¡C/W
8.7 mW/¡C
8L SOIC
175¡C/W
45¡C/W
5.7 mW/¡C
SOT-23/3L
575¡C/W
150¡C/W
1.7 mW/¡C
Electrical Characteristics
Electrical Characteristics are guaranteed over the full junction temperature range (Ð40 to 125¡C). Ambient temperature must be
derated based upon power dissipation and package thermal characteristics.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output Voltage
V
TEMP
I
K = 2 mA, TJ = 27¡C (300 K)
2.970
3.000
3.030
V
V
TEMP
I
K = 2 mA, TJ = 100¡C (373 K)
3.690
3.730
3.770
V
Temperature Coefficient Error
I
K = 2 mA, deviation from 10 mV/¡C
40
µV/¡C
Minimum Operating Current
I
K(min)
0.6
mA
Output Impedance
Z
KA
I
K = 0.6 to 5.5 mA
0.3
2
½
V
TEMP
I
K
V
IN
Test Circuit
Figure 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com