Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12F508 Datasheet(PDF) 19 Page - Microchip Technology

Part # 12F508
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F508 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 12F508 Datasheet HTML 15Page - Microchip Technology 12F508 Datasheet HTML 16Page - Microchip Technology 12F508 Datasheet HTML 17Page - Microchip Technology 12F508 Datasheet HTML 18Page - Microchip Technology 12F508 Datasheet HTML 19Page - Microchip Technology 12F508 Datasheet HTML 20Page - Microchip Technology 12F508 Datasheet HTML 21Page - Microchip Technology 12F508 Datasheet HTML 22Page - Microchip Technology 12F508 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41236A-page 17
PIC12F508/509/16F505
FIGURE 4-3:
PIC12F508 REGISTER
FILE MAP
FIGURE 4-4:
PIC12F509 REGISTER
FILE MAP
FIGURE 4-5:
PIC16F505 REGISTER FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
GPIO
General
Purpose
Registers
Note 1:
Not a physical register. See Section 4.9
“Indirect Data Addressing: INDF and
FSR Registers”.
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
GPIO
0Fh
10h
Bank 0
Bank 1
3Fh
30h
20h
2Fh
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
Addresses map
back to
addresses
in Bank 0.
Note 1:
Not a physical register. See Section 4.9
“Indirect Data Addressing: INDF and FSR
Registers”.
FSR<6:5>
00
01
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
PORTB
0Fh
10h
Bank 0
Bank 1
3Fh
30h
20h
2Fh
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
Addresses map back to
addresses in Bank 0.
Note 1:
Not a physical register. See Section 4.9 “Indirect Data Addressing: INDF and FSR Registers”.
FSR<6:5>
00
01
Bank 3
7Fh
70h
60h
6Fh
General
Purpose
Registers
11
Bank 2
5Fh
50h
40h
4Fh
General
Purpose
Registers
10
08h
PORTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com